M2AS1-A142-R
AI

The **M2AS1-A142-R** is a specific electronic component, typically categorized as a **Micro-Switch** or a **Limit Switch**. These parts are commonly used in industrial control systems, automotive mechanisms, and home appliances to detect the presence or absence of an object through physical contact.
---
### 1. Key Technical Specifications
Based on the standard nomenclature for this series, here are the primary electronic and physical characteristics:
| Property | Description |
| :--- | :--- |
| **Component Type** | Snap Action Micro-Switch |
| **Actuator Style** | Standard Pin Plunger (usually) |
| **Contact Configuration** | SPDT (Single Pole Double Throw) |
| **Current Rating** | Typically 0.1A to 5A (depending on voltage) |
| **Voltage Rating** | 125V / 250V AC |
| **Termination Style** | Solder or Quick-Connect terminals |
| **Operating Force** | Low to Moderate (measured in grams/newtons) |
### 2. Internal Mechanism
The "Snap Action" mechanism is the core electronic feature of this part:
* **Rapid Switching:** Regardless of how slowly the external lever is pressed, the internal contacts snap between positions at a constant, high speed.
* **Arc Reduction:** The fast movement minimizes electrical arcing between contacts, which extends the life of the switch.
* **Reliability:** It provides distinct tactile feedback and a precise "trip point" (the exact position where the circuit closes or opens).
### 3. Circuit Configuration (SPDT)
The M2AS1-A142-R functions as a Single Pole Double Throw switch, meaning it has three terminals:
1. **COM (Common):** The power input.
2. **NC (Normally Closed):** The circuit is complete when the switch is *not* pressed.
3. **NO (Normally Open):** The circuit completes only when the switch *is* pressed.
### 4. Common Applications
* **Door Interlocks:** Ensuring a microwave or industrial machine door is shut before operation.
* **Limit Sensing:** Detecting when a printer carriage or CNC head has reached the end of its track.
* **Safety Cut-offs:** Automatically shutting down a system if a panel is removed.
---
- ⤷
What is the maximum operating temperature for the M2AS1 series?
- ⤷ Can this switch be used in DC voltage applications?
- ⤷ What are the physical dimensions of the M2AS1-A142-R?