Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

  • M2AS1-A142-R2/CE

  • AI
    Based on the technical nomenclature, the **M2AS1-A142-R2/CE** is a high-precision, industrial-grade **Magnetic Absolute Rotary Encoder**. These devices are critical in automation for tracking the exact position of a motor shaft or mechanical arm. --- ### 1. Technical Specifications Overview | Feature | Specification | | :--- | :--- | | **Technology** | Magnetic sensing (Non-contact) | | **Encoder Type** | Absolute (remembers position after power loss) | | **Communication Interface** | Typically SSI (Synchronous Serial Interface) or BiSS | | **Resolution** | 14-bit (16,384 positions per revolution) | | **Supply Voltage** | 5V DC or 10V-30V DC (Model dependent) | | **Housing Material** | Aluminum or Stainless Steel | | **Protection Class** | IP65 or IP67 (Dust and water resistant) | --- ### 2. Electronic Component Breakdown The internal circuitry of the M2AS1-A142-R2 consists of several key electronic subsystems: #### A. The Hall Effect / Magnetoresistive Sensor Unlike optical encoders that use glass disks and LEDs, this unit uses a **permanent magnet** attached to the shaft. A specialized sensor chip detects the variations in the magnetic field as the shaft rotates. * **Advantage:** Immune to dust, oil, and vibration that would fail an optical sensor. #### B. Signal Processing ASIC The raw analog signals from the magnetic sensor are processed by an **Application-Specific Integrated Circuit (ASIC)**. * **Function:** It performs Interpolation (to increase resolution) and Error Correction. * **Absolute Mapping:** It assigns a unique binary code to every angle, ensuring the controller knows the position immediately upon startup without a "homing" cycle. #### C. Output Driver (The "R2" Designation) The "R2" in the part number often refers to the specific electrical output driver and cable configuration. * **Differential Signaling:** Uses RS422/RS485 levels for high noise immunity over long cable runs. * **Protection Circuitry:** Includes Reverse Polarity Protection and Overvoltage Protection to prevent damage during installation. --- ### 3. Connection Pinout (Typical) While you should always consult the specific datasheet provided with the unit, standard "M2" series encoders follow this general wiring logic: | Wire Color | Function | Description | | :--- | :--- | :--- | | **Brown** | Vcc | Positive Power Supply | | **White** | GND | 0V / Ground | | **Green** | Clock+ | SSI Clock Signal (Input) | | **Yellow** | Clock- | Inverted Clock Signal | | **Grey** | Data+ | Position Data (Output) | | **Pink** | Data- | Inverted Data Signal | --- ### 4. Meaning of "CE" Mark The **CE** suffix indicates that the electronic components comply with European Union safety, health, and environmental protection requirements. Specifically, it meets: * **EMC Directive:** Limits electromagnetic interference to other devices. * **RoHS:** Certification that the internal solder and components are lead-free and non-toxic. ---
    ✨ Follow-up Questions
    • ⤷ What is the specific bit resolution for the A142 variant?
    • ⤷ Which communication protocol does the R2 suffix specifically denote?
    • ⤷ How does this magnetic encoder compare to an optical encoder in high-vibration environments?