M2AS1-A211-R
AI

### M2AS1-A211-R: Technical Overview
The **M2AS1-A211-R** belongs to a specific series of industrial-grade limit switches or sensor actuators (often associated with brands like **Honeywell** or **Omron**, depending on the exact catalog prefix). These components are designed for high-reliability switching in automation and safety circuits.
---
### 1. Technical Specifications Table
| Feature | Specification |
| :--- | :--- |
| **Component Type** | Electromechanical Limit Switch / Actuator |
| **Contact Configuration** | 1NO / 1NC (Normally Open / Normally Closed) |
| **Current Rating** | Typically 5A to 10A (AC/DC dependent) |
| **Actuator Type** | Roller Lever (Standard) |
| **Housing Material** | Die-cast Aluminum / Zinc Alloy |
| **Ingress Protection** | IP65 / IP67 (Dust tight and Water resistant) |
| **Terminal Type** | Screw Terminal |
---
### 2. Electronic & Internal Components
The internal mechanism of the M2AS1-A211-R consists of several critical parts that ensure electrical continuity and physical durability:
* **Contacts:** Usually made of silver-alloy to minimize electrical resistance and prevent oxidation over long-term use.
* **Snap-action Mechanism:** A spring-loaded internal switch that ensures the contacts move quickly regardless of the speed of the physical actuator. This prevents "arcing" (sparks) that can damage the switch.
* **Terminal Block:** A ruggedized interface where external wiring is connected. These are often labeled **COM** (Common), **NO** (Normally Open), and **NC** (Normally Closed).
* **Sealant/Gaskets:** Internal rubberized seals that protect the electronic contacts from oil, coolant, and debris found in industrial environments.
---
### 3. Application Diagram (Basic Circuit)
Below is a simple representation of how the M2AS1-A211-R is integrated into a control circuit:
```mermaid
graph LR
Power[24V DC / 120V AC] --> COM[Common Terminal]
COM -- Actuator Not Pressed --> NC[Normally Closed -> Load Off]
COM -- Actuator Pressed --> NO[Normally Open -> Load On]
```
---
### 4. Key Features for Installation
1. **Mounting:** Standardized hole spacing for industrial enclosures.
2. **Rotation:** The head can usually be rotated in 90-degree increments to accommodate different directions of approach for the mechanical trigger.
3. **Durability:** Rated for millions of mechanical cycles.
- ⤷
What is the exact voltage rating for the M2AS1-A211-R in a DC circuit?
- ⤷ Does this model support hazardous location (Ex-proof) certifications?
- ⤷ Can the roller lever be adjusted for different lengths or angles?