Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

  • M2AS1-A212-R2SLASHQ

  • AI
    The part number **M2AS1-A212-R2/Q** refers to a high-precision, industrial-grade **Electromagnetic Brake** (typically associated with manufacturers like Miki Pulley or similar specialized motion control brands). These components are critical in automation for holding loads or stopping motion safely. --- ### 1. Technical Specifications Table | Feature | Specification Details | | :--- | :--- | | **Component Type** | Electromagnetic Spring-Applied Brake | | **Series** | M2AS (Thin-profile/Compact series) | | **Voltage** | 24V DC (Standard for industrial PLC control) | | **Design Type** | Non-excitation type (Failsafe: Brakes when power is OFF) | | **Key Attribute** | Dry-type single plate friction | | **Suffix /Q** | High-quality / Special specification (often refers to specific lead wire or noise reduction) | --- ### 2. Electronic & Mechanical Breakdown #### A. Operating Principle (Failsafe Design) This part is a **Normally Closed (NC)** device. * **Power OFF:** Internal springs compress the friction plate against the rotor, creating torque to hold the shaft in place. * **Power ON:** The internal electromagnetic coil creates a magnetic field that pulls the pressure plate away from the friction disc, allowing the shaft to rotate freely. #### B. The Coil and Control The core electronic element is the **solenoid coil**. * **Inductive Load:** Because it is a coil, it generates "flyback voltage" when switched off. * **Protection:** When integrating this into a circuit, a **Varistor** or a **Flyback Diode** is usually required to protect the switching transistor or relay from voltage spikes. #### C. Key Sub-Components 1. **Stator (Field):** Contains the copper winding (coil) encased in a resin or metal housing. 2. **Armature Plate:** The moving metal piece attracted by the magnetic force. 3. **Friction Disc:** The wear-resistant material that provides the braking torque. 4. **Torque Springs:** Provide the mechanical force for the "holding" function. --- ### 3. Common Applications * **Robotic Arms:** To prevent the arm from falling during a power outage. * **Z-Axis CNC Machines:** Holding the vertical axis against gravity. * **Medical Equipment:** Precise positioning for scanning tables or surgical booms. * **Conveyor Systems:** Instant emergency stopping. --- ### 4. Installation Precautions * **Voltage Polarity:** Ensure the DC supply is stable; undervoltage can cause the brake to "drag," leading to overheating. * **Air Gap:** The "/R2" often denotes a specific revision regarding the factory-set air gap. Do not manually adjust unless specified by the manual. * **Surface Cleaning:** The friction surfaces must remain free of oil and grease to maintain rated torque.
    ✨ Follow-up Questions
    • ⤷ What are the specific wiring requirements for the M2AS series to prevent back-EMF?
    • ⤷ How do I calculate the response time for this brake in an emergency stop scenario?
    • ⤷ What is the rated torque capacity for the A212 frame size?