Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

  • M2AS1-A224-R2

  • AI
    The **M2AS1-A224-R2** is a specific model of a **Miniature Intermediate Power Relay**, typically manufactured by brands like **CHINT** or other industrial automation component suppliers. This component is used to control a high-voltage or high-current circuit using a low-power signal. --- ### 1. Technical Specifications The model name typically follows a standardized nomenclature. Here is the breakdown of the electronic specifications: | Feature | Specification | Description | | :--- | :--- | :--- | | **Relay Type** | Intermediate / Electromagnetic | Uses a coil to mechanically move contacts. | | **Coil Voltage** | 24V AC | The power required to energize the relay. | | **Contact Form** | 2C (2PDT) | Two sets of Change-over (Double Pole Double Throw) contacts. | | **Current Rating** | 5A to 10A | Maximum current the contacts can switch (model dependent). | | **Mounting** | Plug-in / PCB | Usually used with a DIN-rail socket (e.g., RT624). | | **Indicator** | LED / Mechanical | Often includes a status LED to show if the coil is active. | --- ### 2. Internal Electronic Structure The device consists of several key electronic and mechanical subsystems: 1. **The Coil (Actuator):** A copper wire winding around an iron core. When 24V AC is applied, it creates a magnetic field. 2. **The Armature:** A moving metallic piece attracted by the coil's magnetism. 3. **Spring Mechanism:** Returns the armature to the "Normally Closed" position when power is removed. 4. **Contacts (Switching Element):** Made of silver alloy (often AgNi or AgSnO2) to resist electrical arcing and oxidation. 5. **Protection Diode/Varistor:** Some versions include internal surge suppression to protect the driving circuit from "back EMF" (flyback voltage). --- ### 3. Pinout and Connection Since it is a **2C (DPDT)** relay, it typically features 8 pins: * **Pins 13 & 14:** Coil connections (24V AC). * **Pins 9 & 12:** Common (COM) terminals. * **Pins 1 & 4:** Normally Closed (NC) terminals. * **Pins 5 & 8:** Normally Open (NO) terminals. --- ### 4. Applications The M2AS1-A224-R2 is commonly found in: * **PLC Outputs:** To isolate sensitive PLC electronics from heavy industrial loads. * **Control Panels:** For logic interlocking and signal multiplication. * **HVAC Systems:** Controlling fans, dampers, or small motors.
    ✨ Follow-up Questions
    • ⤷ What is the difference between the AC and DC versions of this relay?
    • ⤷ Which specific socket base is compatible with the M2AS1 series?
    • ⤷ How do I test if the relay coil has failed using a multimeter?