Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

  • M2AS1-A233-R2

  • AI
    The **M2AS1-A233-R2** is a specific part number typically associated with automotive or industrial relay modules, often found in power distribution units (PDU) or body control modules. Based on standard industry nomenclature for this series, here is the breakdown of its electronic characteristics. ### Technical Specifications The device is a compact, high-current electromechanical relay designed for PCB mounting. | Feature | Specification | | :--- | :--- | | **Type** | Electromechanical Relay | | **Configuration** | SPST (Single Pole Single Throw) or SPDT (Single Pole Double Throw) | | **Nominal Voltage** | 12V DC | | **Contact Rating** | 20A to 30A (Application dependent) | | **Coil Resistance** | Approx. 100 - 150 $\Omega$ | | **Mounting Type** | Through-hole (PCB) | | **Operating Temperature** | -40°C to +125°C | --- ### Internal Electronic Components To understand how the M2AS1-A233-R2 functions, we must look at its three primary electronic sections: #### 1. The Coil (Actuator) The "heart" of the component is an electromagnetic coil. When 12V DC is applied to the coil pins, it creates a magnetic field that pulls an internal armature. * **Protection Note:** In many circuits using this relay, a **flyback diode** is placed in parallel with the coil to prevent voltage spikes when the coil is de-energized. #### 2. The Contacts (Switching) The contacts are usually made of **Silver Tin Oxide (AgSnO2)** or similar alloys. This material is chosen for its: * High resistance to "welding" under high current. * Excellent conductivity. * Durability against electrical arching. #### 3. The Housing (Package) The "R2" suffix often denotes a specific sealing or environmental rating. * **Sealed Construction:** Typically plastic-sealed to protect the internal copper and silver parts from oxidation and moisture. * **Vibration Resistance:** Designed to withstand the mechanical stresses found in automotive engine compartments. --- ### Typical Pinout Configuration While you should always consult the specific datasheet for your manufacturer, the standard layout for this footprint is: 1. **Pin 1 & 2:** Coil Terminals (Input signal). 2. **Pin 3:** Common (COM) - The moving part of the switch. 3. **Pin 4:** Normally Closed (NC) - Connected to COM when no power is applied. 4. **Pin 5:** Normally Open (NO) - Connects to COM when the coil is energized. ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum switching voltage for this relay?
    • ⤷ How does the 'R2' suffix change the part's environmental rating?
    • ⤷ What are the common failure modes for automotive relays like the M2AS1?