Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

  • M2AS1-A241-R2

  • AI
    The **M2AS1-A241-R2** is a specific part number typically associated with high-precision **Magnetic Sensors** or **Encoders**, often manufactured by companies like **Magnescale** (formerly Sony Precision Technology). These components are critical in industrial automation for measuring position and displacement. --- ## 🛑 Technical Specifications The part number can be broken down into its electronic and mechanical characteristics: | Feature | Specification | Description | | :--- | :--- | :--- | | **Component Type** | Magnetic Scale / Encoder | Used for linear or rotary position sensing. | | **Signal Output** | Analog / Sinusoidal | Typically provides 1Vp-p or TTL signals depending on the interface unit used. | | **Resolution** | High Precision | Capable of sub-micron resolution when used with a compatible interpolator. | | **Body Material** | Aluminum/Stainless Steel | Designed for durability in harsh machining environments. | | **Cable Type** | R2 (Standard Length) | Often indicates a 2-meter integrated cable with a specific connector pinout. | --- ## 🛠️ Electronic Components & Architecture ### 1. The Sensing Element The core of the M2AS1 series is a **Magnetoresistive (MR)** element. - It detects changes in the magnetic field as the head moves over a magnetic scale. - Unlike optical encoders, it is resistant to oil, coolant, and dust, making it electronically "robust." ### 2. Signal Processing Inside the sensor head, integrated circuitry performs: - **Amplification:** Boosting the weak signals from the MR element. - **Compensation:** Adjusting for temperature fluctuations to prevent signal drift. - **Filtering:** Reducing electromagnetic interference (EMI) from nearby industrial motors. ### 3. Connection Interface The "A241" designation usually refers to the specific wiring configuration or the voltage requirements. - **Power Supply:** Typically operates on **5V DC** or **12V-24V DC** depending on the controller. - **Output Phases:** Generates Phase A and Phase B signals (90° apart) to determine direction of movement. --- ## 🔌 Typical Applications Because of its electronic reliability, this part is used in: * **CNC Machine Tools:** For axis positioning. * **Semiconductor Manufacturing:** For precise wafer stage movement. * **Robotic Arms:** For feedback loops in motion control. --- ## ⚠️ Maintenance Note If the electronic output becomes "noisy" or the controller throws an error, it is usually due to: 1. **Cable Fatigue:** The R2 (2m) cable might have internal breaks from constant motion. 2. **Gap Distance:** The electronic signal strength is highly dependent on the physical air gap between the sensor and the scale.
    ✨ Follow-up Questions
    • ⤷ What are the compatible interpolators for the M2AS1 series?
    • ⤷ How do I troubleshoot a signal error in a magnetic encoder?
    • ⤷ What is the pinout configuration for the A241 connector?