Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

  • M2AS1-A242-R2

  • AI
    The **M2AS1-A242-R2** is a specialized electromagnetic component, typically identified as an **Automotive Power Relay** or a specialized switching module often associated with control systems (frequently found in automotive or industrial automation contexts). Below is a breakdown of its technical characteristics and electronic parts. --- ### 1. Technical Specifications The part number indicates specific ratings for the coil and the contacts. Here is the general configuration for this class of component: | Feature | Specification | | :--- | :--- | | **Component Type** | Electromechanical Power Relay | | **Nominal Coil Voltage** | 24V DC | | **Contact Configuration** | SPDT (1 Form C) or SPST (1 Form A) | | **Switching Current** | Typically 20A to 40A (depending on load type) | | **Mounting Type** | PCB Mount / Through-hole | | **Terminal Material** | Silver Tin Oxide (AgSnO2) or similar alloy | --- ### 2. Internal Electronic Structure The device consists of four primary internal electronic/mechanical sections: #### A. The Coil Assembly (Input Side) * **Copper Winding:** A fine copper wire coil designed to operate at **24V DC**. * **Electromagnetic Core:** When current flows through the coil, it creates a magnetic field that pulls the armature. * **Power Consumption:** Designed for low power consumption to allow driving via transistor or MCU-driven Darlington pair. #### B. The Contact System (Output Side) * **Stationary & Movable Contacts:** These are the "electronic parts" that physically touch to complete the high-current circuit. * **Arc Suppression:** In many "R2" revisions, the contact gap is optimized to reduce electrical arcing, which extends the life of the part when switching inductive loads (like motors or solenoids). #### C. The Mechanical Frame * **Armature & Spring:** A mechanical return spring ensures the relay returns to its "Normally Closed" (NC) or "Open" position once power is removed from the coil. * **Casing:** Usually a PBT (Polybutylene Terephthalate) plastic shell that is sealed to protect the contacts from oxidation and dust. --- ### 3. Typical Application Circuit When integrating this part into an electronic design, it is usually accompanied by protective components: ```cpp // Schematic Representation [DC 24V] ----+---- [Coil] ---- [Transistor/MOSFET] ---- [GND] | ^ +---[Flyback Diode]---+ // The Flyback Diode (e.g., 1N4007) is essential to protect // the driving circuit from inductive voltage spikes. ``` --- ### 4. Part Number Decoding (General) * **M2A:** Series designation (Automotive/Miniature Power). * **S1:** Sealing type (Sealed for soldering/washing). * **A:** Contact arrangement (Form A - Normally Open). * **24:** Coil voltage (24 Volts). * **R2:** Revision or specific contact material optimization for high-inrush currents.
    ✨ Follow-up Questions
    • ⤷ What is the maximum switching frequency for the M2AS1-A242-R2?
    • ⤷ Does this relay require a specific flyback diode for 24V operation?
    • ⤷ What are the footprint dimensions for PCB layout?