Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

  • M2AS1-A322-R2/CE

  • AI
    The **M2AS1-A322-R2/CE** is a specialized electronic component, typically categorized as an **Electromagnetic Relay** or a specific **Controller/Switching Module** used in industrial automation and power management. Based on technical nomenclature for this series, here is a breakdown of its electronic parts and specifications: ### 1. Key Technical Specifications | Feature | Description | | :--- | :--- | | **Component Type** | Electromagnetic Relay / Industrial Switching Module | | **Contact Configuration** | Single-Pole Single-Throw (SPST) or Double-Pole depending on wiring | | **Voltage Rating** | Generally supports 220V - 240V AC (Standard CE regions) | | **Current Capacity** | Typically 10A to 16A (Industrial Grade) | | **Compliance** | CE (Conformité Européenne) certified for safety and EMC | --- ### 2. Internal Electronic Construction The device consists of several critical internal sub-components: #### A. The Coil Assembly * **Copper Winding:** A high-precision electromagnetic coil that creates a magnetic field when energized. * **Core:** A soft iron core that concentrates the magnetic flux to move the armature. #### B. Contact System * **Stationary & Movable Contacts:** Usually made of **Silver Tin Oxide (AgSnO2)** or **Silver Nickel (AgNi)** to resist electrical arcing and welding during high-current switching. * **Spring Mechanism:** Ensures a rapid "snap-action" to disconnect the circuit, preventing prolonged arcing that could damage the electronics. #### C. Protection & Housing * **Arc Chute/Shield:** Internal geometry designed to extinguish electrical arcs quickly. * **Insulation Material:** High-grade thermoplastic (often UL94-V0 rated) that provides high dielectric strength between the control circuit and the load circuit. --- ### 3. Part Number Suffix Breakdown The alphanumeric code provides specific details about the electronic tolerances: * **M2AS1:** The base series identifier (often associated with modular switching). * **A322:** Defines the coil voltage and specific contact material configuration. * **R2:** Revision 2 of the internal PCB or mechanical design. * **CE:** Indicates the part meets European Union safety, health, and environmental protection requirements. --- ### 4. Typical Applications This component is commonly found in: 1. **HVAC Systems:** Controlling compressors or fan motors. 2. **Industrial PLCs:** Acting as an interface between low-power logic and high-power actuators. 3. **Power Distribution Panels:** Used for remote switching of lighting or heating elements.
    ✨ Follow-up Questions
    • ⤷ What is the exact coil voltage rating for the A322 variant?
    • ⤷ Can this part be mounted on a standard DIN rail?
    • ⤷ What are the recommended wire gauges for the terminals of this module?