Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

  • M2AS1-A323-R

  • AI
    The **M2AS1-A323-R** is an industrial-grade **M.2 to Single RS-232/422/485 Serial Port Module**. It is designed to add legacy serial communication capabilities to modern computing systems (like IPCs or SBCs) that utilize the M.2 expansion slot. --- ### 1. Key Technical Specifications | Feature | Description | | :--- | :--- | | **Form Factor** | M.2 2230 (A+E Key) | | **Interface** | PCIe (Bus Interface) | | **Output Port** | 1 x RS-232/422/485 (Software Switchable) | | **Baud Rate** | Up to 921.6 Kbps | | **FIFO** | 256 Bytes | | **Operating Temp** | -40°C to +85°C (Industrial Grade) | | **Isolation** | 2kV ESD Protection | --- ### 2. Electronic Component Breakdown The module consists of several critical layers of electronic circuitry to ensure reliable data transmission in harsh environments: #### A. Controller IC (UART to PCIe Bridge) The heart of the module is usually a **High-Performance UART** chip that bridges the PCIe bus signals from the M.2 slot into serial data. This chip manages the timing, parity, and data framing. #### B. Transceiver Circuitry Since the M.2 slot operates at low voltages (3.3V), the module includes transceivers (like the SP339 or similar) to convert these signals to the higher voltage levels required for RS-232 or the differential signaling required for RS-422/485. #### C. Power Management * **Voltage Regulators:** Converts the 3.3V power supplied by the M.2 slot to the necessary internal voltages for the transceivers. * **Decoupling Capacitors:** Small SMD capacitors placed near the ICs to filter high-frequency noise and ensure power stability. #### D. Protection Components * **TVS Diodes:** Transient Voltage Suppressors protect the internal circuitry from static electricity (ESD) and voltage spikes on the communication lines. * **Isolation (Optional in some variants):** Often includes galvanic isolation components to prevent ground loops between the computer and the connected industrial machine. --- ### 3. Pinout & Connectivity The module typically connects via a **wafer-to-DB9 cable**. The pins are configured based on the protocol selected: 1. **RS-232:** Full handshake support (TXD, RXD, RTS, CTS, DTR, DSR, DCD, RI). 2. **RS-422:** 4-wire differential (TX+/-, RX+/-). 3. **RS-485:** 2-wire half-duplex (Data+/-, Ground). --- ### 4. Implementation Use-Cases * **Industrial Automation:** Connecting PLCs or CNC machines to an embedded PC. * **Retail/POS:** Linking receipt printers or barcode scanners via M.2 slots in compact registers. * **Telecommunications:** Console access for headless servers and networking gear.
    ✨ Follow-up Questions
    • ⤷ How do I configure the RS-232/422/485 mode via software?
    • ⤷ Does this module require specific drivers for Windows 10/11?
    • ⤷ What are the physical dimensions of the M2AS1-A323-R module?