Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

  • M2AS1-A334-R2/CE

  • AI
    Based on the part number **M2AS1-A334-R2/CE**, this component is a high-precision **M2.AS series Current Transducer** manufactured by **LEM**. These devices are primarily used for the electronic measurement of DC, AC, and pulsed currents with galvanic isolation between the primary and secondary circuits. --- ### 1. Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Measurement Type** | Open Loop Hall Effect | | **Primary Nominal Current ($I_{pn}$)** | 100A to 400A (range-dependent) | | **Supply Voltage ($V_c$)** | Typically +15V or +24V DC | | **Output Type** | Analogue Voltage (e.g., 0-4V or 0-10V) | | **Accuracy** | ±1% of $I_{pn}$ at room temperature | | **Mounting Type** | Panel Mount / Busbar | | **Operating Temperature** | -25°C to +70°C | --- ### 2. Electronic Operating Principle The M2AS1 series utilizes the **Open Loop Hall Effect** principle: 1. **Magnetic Flux:** The primary current flowing through the conductor creates a magnetic field proportional to the current. 2. **Hall Sensor:** A Hall effect sensor located in the air gap of the magnetic core measures the magnetic flux density. 3. **Signal Conditioning:** Internal electronics convert the Hall voltage into a linearized output voltage that corresponds directly to the primary current. 4. **Galvanic Isolation:** There is no electrical connection between the power circuit (Primary) and the monitoring circuit (Secondary), protecting sensitive control electronics. --- ### 3. Suffix Breakdown * **M2AS1:** The base series/model family. * **A334:** Specific configuration code (often relating to the aperture size or factory calibration). * **R2:** Revision level or specific hardware version. * **CE:** Compliance marking (Conformité Européenne), indicating it meets EU safety, health, and environmental requirements. --- ### 4. Typical Applications * **Variable Speed Drives (VSD):** Monitoring motor current for control and protection. * **Battery Management Systems (BMS):** Tracking charge and discharge cycles in large battery banks. * **Power Supplies:** Used in Uninterruptible Power Supplies (UPS) and switched-mode power supplies (SMPS). * **Renewable Energy:** Current monitoring in solar inverters and wind turbine converters. ---
    ✨ Follow-up Questions
    • ⤷What is the specific pinout for the M2AS1-A334-R2/CE connector?
    • ⤷ How does an Open Loop sensor differ from a Closed Loop sensor in terms of accuracy?
    • ⤷ What are the recommended primary conductor sizes for this model?