Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

  • M2AS1-A343-R2SLASHCE

  • AI
    The part number **M2AS1-A343-R2/CE** typically refers to a specialized industrial component, often associated with **Advantech** or similar industrial computing manufacturers. This specific alphanumeric code identifies a **M.2 Solid State Drive (SSD)** or a flash storage module designed for embedded systems. Below is the technical breakdown of the electronic specifications and features associated with this part. ### 1. Component Overview The device is a small form-factor storage solution designed to be plugged directly into a motherboard's M.2 slot. It is engineered for high reliability in harsh environments. | Feature | Specification | | :--- | :--- | | **Form Factor** | M.2 (likely 2242 or 2280) | | **Interface** | SATA III (6.0 Gbps) or PCIe NVMe | | **Capacity** | (Varies by sub-revision, usually indicated by '343') | | **Flash Type** | SLC or Industrial Grade MLC/TLC | | **Certification** | CE (European Conformity) | --- ### 2. Key Technical Features * **Industrial Grade Endurance:** Unlike consumer SSDs, these parts are built with high P/E (Program/Erase) cycle NAND flash to handle constant logging and OS operations in industrial PCs. * **Thermal Management:** Often rated for "Wide Temperature" ranges (e.g., -40°C to +85°C) to ensure the electronic components do not fail in non-climate-controlled environments. * **Shock and Vibration Resistance:** The M.2 physical interface is screwed down, and the internal controller is optimized to prevent data corruption during physical movement. * **ECC (Error Correction Code):** Includes advanced LDPC or BCH ECC to maintain data integrity over the life of the drive. --- ### 3. Electronic Architecture The module consists of three primary electronic sections: 1. **The Controller:** The "brain" that manages data wear leveling, bad block management, and communication with the host CPU. 2. **NAND Flash Chips:** The non-volatile storage area where data is electronically trapped in floating-gate or charge-trap cells. 3. **Power Management Circuitry:** Includes capacitors and voltage regulators to protect the drive against sudden power loss (Power Fail Protection). --- ### 4. Interpretation of Suffixes * **R2:** Indicates "Revision 2," suggesting an updated firmware or hardware design from the original version. * **CE:** Confirms the device meets European health, safety, and environmental protection standards. ---
    ✨ Follow-up Questions
    • What is the exact storage capacity of the A343 model?
    • Is this module compatible with standard consumer laptop M.2 slots?
    • Does this part support hardware-based AES encryption?