Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

  • M2AS1-A344-R2SLASHCE

  • AI
    Based on the part number **M2AS1-A344-R2/CE**, this typically refers to a specialized industrial electronic component, most commonly associated with **safety light curtains** or **optoelectronic sensors** from manufacturers like **ReeR** (a leader in industrial safety). --- ### Component Breakdown The alphanumeric string identifies specific physical and electrical characteristics of the device: | Segment | Description | | :--- | :--- | | **M2AS1** | **Series/Model:** Likely part of the EOS2 or EOS4 series (Safety Level Type 2 or 4). | | **A** | **Function:** Often denotes an "Automatic" restart mode or a specific optical feature. | | **344** | **Protected Height:** Indicates a protected area of approximately 310mm to 344mm. | | **R2** | **Resolution/Range:** Refers to a 30mm or 40mm resolution (hand detection) and a specific operating range. | | **CE** | **Certification:** Indicates compliance with European safety standards (Conformité Européenne). | --- ### Key Electronic Specifications These devices are designed for fail-safe operation in high-risk industrial environments. #### 1. Input/Output (I/O) * **Power Supply:** Usually operates on **24V DC (±20%)**. * **Outputs:** Features two **OSSD** (Output Signal Switching Device) PNP safety outputs. These are monitored for short circuits and overloads. * **Consumption:** Typically low power, ranging from 2W to 5W depending on the beam count. #### 2. Optical Characteristics * **Beam Pitch:** The distance between the infrared emitters. * **Response Time:** Extremely fast (usually < 15ms) to ensure the machinery stops before a human limb reaches the danger zone. * **Light Source:** Infrared LEDs (invisible to the human eye). #### 3. Protection Circuits * **IP Rating:** Generally **IP65 or IP67**, meaning the internal electronics are protected against dust and water jets. * **Reverse Polarity:** Internal diodes prevent damage if the power cables are swapped. --- ### Typical Wiring Configuration Safety light curtains use standardized M12 connectors. Below is a common pinout for this class of electronic part: ```yaml Pin 1: Brown -> +24VDC Power Pin 2: White -> OSSD 1 (Safety Output 1) Pin 3: Blue -> 0V (Ground) Pin 4: Black -> OSSD 2 (Safety Output 2) Pin 5: Grey -> FE (Functional Earth) ``` --- ### Applications * **Robotic Cells:** To stop the robot if a person enters the work area. * **Palletizers:** Detecting human presence in automated loading zones. * **Assembly Lines:** Guarding points of operation on presses or cutting machines. ---
    ✨ Follow-up Questions
    • How do OSSD outputs differ from standard digital outputs in safety electronics?
    • What is the difference between a Type 2 and a Type 4 safety light curtain?
    • How do I troubleshoot a 'Red Light' error on this specific sensor series?