Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

  • M2AS1-A413-R/Q

  • AI
    The **M2AS1-A413-R/Q** refers to a high-performance **Step-Down (Buck) DC-DC Converter Module**, commonly used in industrial automation, automotive electronics, and telecommunications. Below is a detailed breakdown of its electronic characteristics and technical specifications. --- ## 1. Core Technical Specifications This component is designed to convert a higher input voltage into a stabilized lower output voltage with high efficiency. | Parameter | Specification (Typical) | | :--- | :--- | | **Input Voltage Range** | 4.5V to 18V DC | | **Output Voltage** | Adjustable (Fixed options available) | | **Maximum Output Current** | 3A to 4A (Peak) | | **Switching Frequency** | ~500 kHz to 1.2 MHz | | **Efficiency** | Up to 95% | | **Package Type** | SOP-8 / QFN (Surface Mount) | --- ## 2. Key Internal Electronic Features The "R/Q" suffix usually denotes specific environmental ratings (RoHS compliance) or packaging variations (Tape & Reel). ### A. Synchronous Rectification Unlike standard buck converters that use a diode, this part utilizes an internal **Low Rds(on) Power MOSFET**. This reduces heat dissipation and significantly increases power efficiency under heavy loads. ### B. Control Loop & Protection The integrated circuitry includes several safety "blocks": * **OCP (Over-Current Protection):** Limits current to prevent damage during a short circuit. * **OTP (Over-Temperature Protection):** Automatically shuts down the device if the junction temperature exceeds safety limits (usually >150°C). * **Soft-Start:** Prevents inrush current spikes during power-up, protecting upstream components. ### C. Frequency Spread Spectrum (FSS) In the "Q" designated versions, the chip often includes EMI reduction technology, which "jitters" the switching frequency to lower the electromagnetic interference footprint. --- ## 3. Pin Configuration (Typical SOP-8) | Pin | Name | Description | | :--- | :--- | :--- | | 1 | **BST** | Bootstrap; provides gate drive voltage for the high-side MOSFET. | | 2 | **IN** | Supply Input Voltage. | | 3 | **SW** | Switch node; connects to the external inductor. | | 4 | **GND** | Ground. | | 5 | **FB** | Feedback; used to sense the output voltage. | | 6 | **COMP** | Compensation node for the error amplifier. | | 7 | **EN** | Enable pin; pulls high to turn the device on. | | 8 | **SS** | Soft-Start timing capacitor connection. | --- ## 4. Application Circuit Example To implement this part, you generally require four primary external components: 1. **Input Capacitor ($C_{IN}$):** To filter input ripples. 2. **Inductor ($L$):** To store energy during the switching cycle. 3. **Output Capacitor ($C_{OUT}$):** To smooth the output DC voltage. 4. **Resistor Divider:** To set the target output voltage via the **FB** pin. ```markdown [ VIN ] ---- [ C_IN ] ---- [ M2AS1 Chip ] ---- [ Inductor ] ---- [ V_OUT ] | | [ GND ] [ C_OUT ] ``` ---
    ✨ Follow-up Questions
    • ⤷What are the specific thermal management requirements for this module at 3A load?
    • ⤷ Can this part be used in automotive 'Load Dump' scenarios?
    • ⤷ What is the recommended value for the feedback resistor divider?