Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

  • M2AS1-A434-R2SLASHQ

  • AI
    The part number **M2AS1-A434-R2/Q** refers to a high-performance **M.2 Solid State Drive (SSD)**, typically associated with industrial or automotive-grade storage solutions (often manufactured by companies like InnoDisk or similar specialized vendors). Below is a detailed breakdown of its electronic specifications and characteristics. --- ### 1. Key Technical Specifications | Parameter | Specification | | :--- | :--- | | **Form Factor** | M.2 2280 (80mm length) | | **Interface** | PCIe Gen4 x4 (NVMe 1.4) | | **Flash Type** | 3D TLC (Triple-Level Cell) | | **Capacity Class** | 4TB (approximate based on "434" coding) | | **Voltage** | 3.3V ± 5% | | **Thermal Management** | Thermal Throttling / Integrated Heat Spreader | --- ### 2. Component Architecture #### A. The Controller The heart of this electronic assembly is a multi-channel NVMe controller. It handles: * **Wear Leveling:** Ensuring data is written evenly across the flash cells to prevent premature failure. * **ECC (Error Correction Code):** Using LDPC (Low-Density Parity-Check) algorithms to fix bit-flips caused by electronic interference or cell degradation. * **AES Encryption:** Hardware-based encryption (typically 256-bit) to secure data at rest. #### B. NAND Flash Memory The "A434" designation indicates high-density 3D TLC NAND stacks. These chips use vertical stacking of memory cells to increase storage capacity without increasing the physical footprint of the PCB. #### C. Power Management Integrated Circuit (PMIC) This part includes an onboard PMIC that regulates the 3.3V input from the M.2 slot into lower voltages (1.8V, 1.2V, 0.9V) required by the controller and the NAND flash. --- ### 3. Special Features (indicated by suffix "/Q") The `/Q` suffix often denotes a specific qualification or firmware optimization: * **Fixed BOM:** The electronic components (Controller/Flash) are locked. They will not be changed without a Part Change Notice (PCN), which is critical for medical or industrial applications. * **Enhanced Power Cycling:** Improved protection against data corruption during sudden power loss using specialized capacitors or firmware "Write-In-Place" logic. * **Industrial Temperature Support:** Often rated to operate between -40°C to +85°C. --- ### 4. Pinout Overview (M.2 M-Key) | Pin Type | Description | | :--- | :--- | | **Differential Pairs** | Used for high-speed PCIe data transmission (PETp/n, PERp/n). | | **Sideband Signals** | SMBus (Clock/Data) for health monitoring and LED status. | | **Power/Ground** | Multiple 3.3V pins and Ground planes to ensure signal integrity. | ---
    ✨ Follow-up Questions
    • What is the maximum sequential read/write speed for this specific PCIe Gen4 model?
    • Does this model support 'Power Loss Protection' (PLP) via onboard tantalum capacitors?
    • How does the 'Fixed BOM' benefit industrial hardware lifecycles?