M2AS1-A442-R
AI

The **M2AS1-A442-R** is a specific model of an **Industrial Solid State Relay (SSR)**, typically associated with manufacturers like **Celduc Relais** or similar industrial automation providers. These devices are used to switch high-power AC loads using low-voltage DC control signals.
---
### 1. Component Overview
The M2AS1-A442-R is a single-phase solid-state switching device. Unlike mechanical relays, it has no moving parts, which results in a longer operational lifespan and silent operation.
### 2. Technical Specifications
Below are the typical electronic characteristics for this part number:
| Parameter | Specification | Description |
| :--- | :--- | :--- |
| **Control Voltage** | 3.5 - 32 VDC | The input signal required to trigger the relay. |
| **Load Voltage** | 12 - 280 VAC | The range of AC voltage the relay can switch. |
| **Rated Current** | 25A - 40A* | Maximum load current (highly dependent on heat sinking). |
| **Switching Type** | Zero Cross | Turns on when AC voltage is near zero to reduce EMI. |
| **Output Type** | Back-to-back Thyristors | High robustness for industrial inductive/resistive loads. |
| **Isolation** | 4000 Vrms | Input-to-output optical isolation for safety. |
*\*Note: Exact amperage depends on the specific revision; always check the physical label.*
---
### 3. Key Electronic Features
#### A. Zero-Cross Switching
The "Zero-Cross" function is a critical electronic feature. The relay waits for the sine wave of the AC load to pass through 0V before activating. This minimizes:
* Inrush currents.
* Electrical noise (EMI).
* Stress on the electronic components within the load.
#### B. Optical Isolation
The internal circuit uses an **Optocoupler**. This means there is no physical electrical connection between the sensitive DC control circuit (PLC or Microcontroller) and the high-power AC line, protecting the controller from surges.
#### C. Built-in Protection
These units often include an internal **RC Snubber** circuit. This helps protect the internal thyristors against high $dv/dt$ (rapid voltage spikes) common when switching inductive loads like motors or transformers.
---
### 4. Connection Diagram (General)
```text
CONTROL (Input) LOAD (Output)
+--------------+ +--------------+
| (3) + DC | | (1) L1 |
| (4) - DC | | (2) Load |
+--------------+ +--------------+
| |
Low Voltage High Voltage
(3.5-32V) (12-280V AC)
```
### 5. Thermal Management
Because this is a semiconductor-based device, it generates heat during operation (roughly 1 to 1.5 Watts per Ampere). To prevent thermal runaway or failure, the **M2AS1-A442-R** must be mounted on a properly sized **heatsink** using thermal paste.
---
- ⤷
What is the difference between Zero-Cross and Random-Fire switching in this model?
- ⤷ What size heatsink is recommended for a 20A load?
- ⤷ Can this SSR be used to control a three-phase motor?