M2AS1-A442-R2/N
AI

The **M2AS1-A442-R2/N** is a high-performance **M.2 Solid State Drive (SSD)** part number typically associated with industrial-grade storage solutions (often manufactured by companies like Innodisk or similar industrial suppliers).
Below is the technical breakdown of its electronic parts and specifications.
---
### 1. General Specifications
This drive is designed for embedded systems, automation, and industrial computing where reliability is prioritized over consumer-level peak speeds.
| Feature | Specification |
| :--- | :--- |
| **Form Factor** | M.2 2242 (SATA) |
| **Interface** | SATA III 6.0 Gb/s |
| **Capacity** | Typically 128GB to 256GB (based on the "A442" density code) |
| **Flash Type** | 3D TLC (Triple-Level Cell) |
| **Operating Temp** | Standard (0°C ~ +70°C) or Wide (-40°C ~ +85°C) |
---
### 2. Electronic Component Breakdown
The internal PCB (Printed Circuit Board) consists of three primary electronic segments:
#### A. The Controller (The Brain)
The controller manages the data flow between the SATA interface and the NAND flash.
* **Functions:** Error Correction Code (ECC), Wear Leveling, and Bad Block Management.
* **Garbage Collection:** Sophisticated algorithms to maintain write speeds over time.
* **S.M.A.R.T Support:** Monitoring electronic health attributes.
#### B. NAND Flash Memory (Storage)
The "A442" designation in the part number usually refers to the specific stack of **3D TLC NAND**.
* **Vertical Stacking:** Unlike older 2D NAND, 3D NAND stacks cells vertically to increase density and reduce electrical interference between cells.
* **Endurance:** Industrial versions often feature higher P/E (Program/Erase) cycles than consumer drives.
#### C. Power Management & Circuit Protection
* **Voltage Regulators:** Converts the 3.3V supplied by the M.2 slot to the internal voltages required by the NAND and Controller.
* **Thermal Throttling:** Electronic sensors that reduce performance if the components exceed safe operating temperatures.
* **Decoupling Capacitors:** Small surface-mount capacitors that stabilize voltage and filter out electronic noise.
---
### 3. Pinout and Physical Interface
Since this is an **M.2 2242** form factor, it uses the following physical characteristics:
* **Keying:** Usually **B+M Key** (two notches) to ensure compatibility with various M.2 slots.
* **Dimensions:** 22mm wide x 42mm long.
* **Connector:** 75-position edge connector.
---
### 4. Part Number Decoder (Typical)
| Segment | Meaning |
| :--- | :--- |
| **M2AS1** | M.2 SATA Series 1 |
| **A442** | Capacity/Density Identifier (e.g., 128GB/256GB) |
| **R2** | Hardware Revision 2 |
| **N** | Internal Firmware/Feature code (Standard) |
- ⤷
What is the exact storage capacity of the A442 variant?
- ⤷ Is this drive compatible with NVMe M.2 slots?
- ⤷ What is the TBW (Total Bytes Written) rating for this specific model?