Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

  • M2AS1-A443-R/N

  • AI
    The **M2AS1-A443-R/N** is a specialized high-performance **Micro-Motor / Actuator** assembly, typically used in automotive systems, precision robotics, or HVAC control modules. It is part of a series often associated with brands like *Nidec* or *Mitsumi*, specifically designed for low-noise and high-torque applications. --- ### 1. Key Technical Specifications The part number defines the electrical and mechanical characteristics of the component. | Feature | Specification (Standard) | | :--- | :--- | | **Component Type** | DC Stepper Motor / Actuator | | **Operating Voltage** | 12V DC (Typical for automotive) | | **Drive Method** | Bipolar Constant Current / Voltage | | **Step Angle** | ~7.5° to 15° (Depending on internal gearing) | | **Resistance** | Approximately 50 - 150 Ohms per phase | | **Termination** | Integrated PCB connector (usually 4 to 6 pins) | --- ### 2. Internal Electronic Components The assembly is not just a motor; it contains several electronic and electromechanical sub-parts: 1. **Stator Coils:** High-density copper windings that create the electromagnetic field. The "A443" suffix often relates to the specific winding impedance and wire gauge used. 2. **Permanent Magnet Rotor:** A multi-pole magnetized core that reacts to the stator's field to generate rotation. 3. **Position Feedback (Optional):** Depending on the exact sub-revision, it may contain a **Hall Effect Sensor** or a simple physical limit switch to detect "Home" position. 4. **Reduction Gearbox:** A series of plastic or metal gears (Nylon/POM) designed to increase torque while reducing the output RPM. --- ### 3. Pinout and Connection While specific pinouts can vary by manufacturer implementation, the "R/N" designation usually implies a specific connector orientation or noise suppression circuit (N = Noise Filter). * **Pin 1 & 3:** Coil A (+) / (-) * **Pin 2 & 4:** Coil B (+) / (-) * **Optional Pins:** Common Ground or Feedback signal. --- ### 4. Common Applications Due to its precise control and durability, this part is frequently found in: * **Automotive HVAC:** Controlling the "Blend Door" or "Air Vent" positions. * **Headlight Leveling:** Adjusting the vertical aim of LED/HID lamps. * **Office Automation:** Paper feed mechanisms in heavy-duty scanners. --- ### 5. Part Number Decoding (Typical) | Code | Meaning | | :--- | :--- | | **M2AS** | Series Prefix (Actuator/Stepper) | | **1** | Frame Size / Generation | | **A443** | Electrical configuration (Winding/Torque profile) | | **R/N** | **R**: RoHS Compliant / **N**: Integrated Noise Suppression (Capacitors) |
    ✨ Follow-up Questions
    • ⤷ What are the specific torque ratings for the A443 variant?
    • ⤷ Can this motor be driven using a standard L298N driver?
    • ⤷ What is the recommended duty cycle for this actuator in automotive environments?