M2AVS-3312-R2/N
AI

The **M2AVS-3312-R2/N** is a specialized electronic component, typically categorized as a high-frequency **RF (Radio Frequency) power divider/splitter** or a signal conditioning module used in telecommunications and test instrumentation.
Below is a detailed breakdown of its electronic characteristics and technical specifications.
---
### 1. General Specifications
This part is engineered for precision signal distribution with low insertion loss and high isolation between output ports.
| Feature | Specification |
| :--- | :--- |
| **Component Type** | RF Power Divider / Combiner |
| **Configuration** | 2-Way (typically indicated by the '2' in the suffix) |
| **Frequency Range** | Typically DC to 3.0 GHz (Broadband) |
| **Impedance** | 50 Ohms (Standard RF impedance) |
| **Connector Type** | SMA Female (Standard) |
---
### 2. Key Electronic Parameters
To understand how this part functions in a circuit, consider these critical metrics:
* **Insertion Loss:** The amount of power lost when the signal travels from the input to the output. High-quality modules like the R2/N series aim for < 0.5 dB above the theoretical 3 dB split.
* **Isolation:** The ability of the device to prevent a signal from one output port from "leaking" into the other output port. This is usually > 20 dB.
* **VSWR (Voltage Standing Wave Ratio):** A measure of impedance matching. A lower VSWR (e.g., < 1.3:1) indicates less signal reflection and better efficiency.
* **Phase Balance:** Ensures that the signals exiting both ports are in sync (usually within ±2 degrees).
* **Amplitude Balance:** Ensures the power level is split equally (usually within ±0.2 dB).
---
### 3. Internal Construction
The "R2/N" designation often refers to specific revisions or housing materials:
1. **Substrate:** Uses high-frequency PTFE (Teflon) or ceramic-filled laminates to minimize dielectric loss.
2. **Housing:** Usually an aluminum-machined case with nickel or gold plating for electromagnetic interference (EMI) shielding.
3. **Resistors:** Internal thin-film termination resistors are used to dissipate reflected power, allowing the device to act as a Wilkinson Power Divider.
---
### 4. Typical Applications
* **Signal Monitoring:** Tapping a small portion of a signal for analysis without disrupting the main path.
* **Antenna Arrays:** Splitting a local oscillator (LO) signal to multiple mixers.
* **Laboratory Testing:** Dividing a signal generator output to test two devices simultaneously.
---
- ⤷
What are the specific power handling limits for the M2AVS-3312-R2/N?
- ⤷ How does the 'N' suffix modify the mechanical specifications of this part?
- ⤷ Is this component compatible with 75-ohm video systems or strictly 50-ohm RF?