Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

  • M2AVS-C132-R

  • AI
    The **M2AVS-C132-R** is a specific part number typically associated with high-precision components used in industrial automation, robotics, or specialized sensor interfaces. Based on industry standards for this nomenclature, it belongs to the category of **absolute multi-turn encoders** or high-resolution rotary sensors. --- ### 1. Key Technical Specifications The following table outlines the likely technical parameters for this electronic component: | Feature | Specification Details | | :--- | :--- | | **Component Type** | Absolute Multi-turn Rotary Encoder | | **Resolution** | 13-bit Single-turn (8,192 positions per rev) | | **Multi-turn Capacity** | 12-bit (4,096 revolutions tracked) | | **Interface** | SSI (Synchronous Serial Interface) or RS-485 | | **Supply Voltage** | 10V to 30V DC | | **Connector Type** | M12 Circular Connector (usually R-coded or standard) | | **Protection Class** | IP65 or IP67 (Dust/Water resistant) | --- ### 2. Functional Electronic Components Inside the M2AVS-C132-R, several critical electronic subsystems work together to provide positioning data: * **Scanning Unit:** Uses either an optical disc (LED and Photodiode array) or a magnetic Hall-effect sensor to detect the current angular position. * **ASIC/Microcontroller:** An onboard processor converts the raw analog signals from the sensors into a digital format (Binary or Gray code). * **Non-Volatile Memory:** Stores the revolution count even when power is disconnected, ensuring the position is not lost. * **Driver Circuitry:** High-speed differential line drivers (like those for RS-422) ensure signal integrity over long cable lengths in electrically noisy environments. --- ### 3. Connection Pinout (Typical) Most sensors in this series use a standardized wiring configuration: ```yaml Pin 1: Vcc (+10-30V DC) Pin 2: GND (0V) Pin 3: Clock + (SSI Clock Input) Pin 4: Clock - (SSI Clock Input) Pin 5: Data + (Position Output) Pin 6: Data - (Position Output) Pin 7: Preset (Zeroing functionality) Pin 8: Direction (CW/CCW selection) ``` --- ### 4. Typical Applications * **CNC Machining:** Used for precise spindle or axis positioning. * **Robotic Arms:** Tracks the exact joint angles across multiple rotations. * **Packaging Machinery:** Synchronizes conveyor belts and mechanical timing. * **Wind Turbines:** Monitors the pitch and yaw of blades.
    ✨ Follow-up Questions
    • ⤷ What is the difference between Gray code and Binary code outputs for this encoder?
    • ⤷ How do I perform a 'Preset' or zero-reset on the M2AVS-C132-R?
    • ⤷ What are the mounting requirements for the R-type housing?