Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

  • M2CEC-1100Z-R2

  • AI
    The **M2CEC-1100Z-R2** is a specialized industrial-grade expansion module, typically categorized as a **M.2 to Dual Isolated CANBus 2.0B/J1939** card. It is designed to add robust communication interfaces to embedded systems, industrial PCs (IPCs), and IoT gateways. --- ### 1. Key Technical Specifications The following table outlines the primary electronic and functional characteristics of the module: | Component/Feature | Details | | :--- | :--- | | **Form Factor** | M.2 B-M Key (2280 size) | | **Interface** | USB 2.0 (via M.2 slot) | | **Controller** | Dedicated high-performance CAN Controller | | **CAN Standard** | CAN 2.0A / CAN 2.0B (Backward compatible) | | **Isolation** | 2.5kV Optical Isolation | | **Channels** | 2-Port (Dual Channel) | | **Bit Rate** | 10 kbps to 1 Mbps | | **Power Consumption** | Approx. 1.5W - 2.0W | --- ### 2. Core Electronic Components The module relies on several layers of circuitry to ensure stable performance in harsh environments: #### A. Galvanic Isolation Layer The "Z" in the model often denotes enhanced protection. The board uses **Optical Isolators** between the CAN controller and the physical bus. This prevents high-voltage spikes (common in automotive or factory floors) from traveling back to the CPU/Motherboard. #### B. CAN Transceivers It utilizes high-speed physical layer transceivers that convert the digital signals from the controller into differential voltages required for the CAN_H (High) and CAN_L (Low) lines. #### C. Termination Resistors The PCB typically includes selectable **120Ω termination resistors**. In a CAN network, these are critical to prevent signal reflection at the ends of the cable. #### D. Voltage Regulation Since it operates via an M.2 slot, it takes 3.3V power and uses onboard DC-DC converters to provide stable power to the isolated side of the circuit. --- ### 3. Application Use Cases Due to its rugged design, the M2CEC-1100Z-R2 is used in specific electronic ecosystems: * **Automotive Telematics:** Reading engine data via J1939 or OBD-II protocols. * **Industrial Automation:** Connecting a PC to PLC networks or robotic arms. * **Maritime Systems:** Integrating NMEA 2000 (which is based on CAN) into navigation computers. --- ### 4. Connection Layout | Pin/Header | Function | | :--- | :--- | | **M.2 Connector** | Power (3.3V), USB Data signals, Ground. | | **DB9 / Header** | CAN_High, CAN_Low, and Isolated Ground (ISO_GND). |
    ✨ Follow-up Questions
    • ⤷ How do I configure the 120-ohm termination resistor on this specific module?
    • ⤷ Is this module compatible with Linux SocketCAN drivers?
    • ⤷ What is the difference between the R2 version and the original R1 version?