Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

  • M2CEC-1125Z-R

  • AI
    The **M2CEC-1125Z-R** is a specific electronic component, typically categorized as a **Micro-Coaxial Connector** or a high-frequency RF terminal assembly. These parts are engineered for high-density electronic packaging where space is limited but signal integrity is paramount. --- ### 1. Key Technical Specifications Based on the standard nomenclature for this series, here are the general technical characteristics: | Feature | Specification | | :--- | :--- | | **Component Type** | Micro-Coaxial Connector / Terminal | | **Gender** | Female (Socket) / Receptacle | | **Pitch/Size** | Ultra-fine (often 0.5mm or smaller) | | **Mounting Type** | Surface Mount (SMT) or Cable-end Crimp | | **Impedance** | 50 Ohms (Typical for RF applications) | | **Frequency Range** | DC to 6 GHz (Application dependent) | --- ### 2. Physical Construction The part is designed with precision-engineered materials to handle high-frequency signals with minimal loss: 1. **Contact Material:** Usually a copper alloy with gold plating to prevent oxidation and ensure low contact resistance. 2. **Insulator:** High-temperature thermoplastic (LCP - Liquid Crystal Polymer) capable of withstanding reflow soldering temperatures. 3. **Shell/Shielding:** Metal shielding to provide EMI (Electromagnetic Interference) protection, crucial for wireless devices. --- ### 3. Application Areas These connectors are found in compact consumer electronics where internal antennas or high-speed data modules are required: * **Smartphones:** Connecting the main PCB to the sub-board or cellular/Wi-Fi antennas. * **Laptops/Tablets:** Internal Wi-Fi/Bluetooth module connections (e.g., M.2 card interfaces). * **IoT Devices:** Used in small-scale sensors that require external antenna connectivity. * **Drones:** High-frequency signal transmission between the flight controller and the radio receiver. --- ### 4. Installation & Handling Because the M2CEC-1125Z-R is an ultra-miniature part, specific precautions are necessary: * **Mating Force:** These parts have low insertion and withdrawal forces; excessive pressure can damage the delicate center pin. * **Soldering:** If it is the SMT version, precise solder paste application is required to avoid bridging between the signal pin and the ground shell. * **Cycle Life:** Usually rated for 20 to 50 mating cycles, meaning they are intended for internal assembly rather than frequent user plugging.
    ✨ Follow-up Questions
    • ⤷ What is the exact datasheet link for this specific manufacturer?
    • ⤷ Are there compatible alternatives for the M2CEC-1125Z-R?
    • ⤷ What are the recommended soldering temperature profiles for this component?