Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

  • M2CEC-1200A-R2

  • AI
    The **M2CEC-1200A-R2** is a specialized high-performance industrial computing component, typically identified as an **MXM (Mobile PCI Express Module) to Carrier Board adapter** or a specific industrial embedded system board designed by manufacturers like IEI Integration Corp. Below is a breakdown of its electronic characteristics and technical architecture. --- ### 1. Core Technical Specifications The "M2CEC" series is generally associated with converting signals and providing power management for high-end acceleration modules. | Feature | Description | | :--- | :--- | | **Form Factor** | Proprietary Industrial Carrier / Expansion Card | | **Interface Type** | M.2 (A-Key or B-Key) and PCIe-based expansions | | **Input Voltage** | Typically 12V DC (standard for industrial carrier boards) | | **Cooling Interface** | Integrated heatsink mounting points for high-TDP modules | | **Revision** | R2 indicates the second hardware iteration (stability/layout fixes) | --- ### 2. Key Electronic Components The board functions as a bridge between a host controller and high-speed peripherals. Its electronic layout includes: * **Power Management Integrated Circuits (PMICs):** * Essential for stepping down voltage from the main input to the specific requirements of M.2 modules (3.3V) or MXM modules. * Features over-current and over-voltage protection circuits to safeguard expensive GPU or AI accelerator chips. * **Signal Integrity Circuitry:** * Includes **Re-drivers or Re-timers** to maintain PCIe Gen3/Gen4 signal integrity over the traces and connectors. * High-frequency capacitors are used to filter electrical noise from the power rails. * **Connectors:** * High-density multi-pin connectors for data throughput. * Gold-plated contacts to prevent oxidation in harsh industrial environments. --- ### 3. Application Use Cases The M2CEC-1200A-R2 is predominantly found in the following electronic ecosystems: 1. **AI Edge Computing:** Used to host AI accelerator cards (like Intel Movidius or NVIDIA Jetson modules) within an industrial PC. 2. **Machine Vision:** Acts as the interface for high-speed frame grabbers or processing units. 3. **Embedded Automation:** Integrated into DIN-rail or rack-mount computers where modularity is required for future upgrades. --- ### 4. Schematic Considerations (Pinout & Signals) While specific schematics are proprietary to the manufacturer, the board follows standard industrial pinout logic: * **Data Lanes:** PCIe x2 or x4 lanes routed to the M.2/Expansion slot. * **Control Signals:** Includes `RESET#`, `WAKE#`, and `CLKREQ#` for power state management. * **SMBus/I2C:** Dedicated lines for thermal monitoring and module identification (EEPROM access). ---
    ✨ Follow-up Questions
    • ⤷ Is the M2CEC-1200A-R2 compatible with standard consumer NVMe drives?
    • ⤷ What are the specific thermal management requirements for this board?
    • ⤷ Which industrial PC models officially support the R2 revision?