AI

The **M2CEC-1350B-R2** is a specialized high-performance industrial power supply module, typically utilized in server chassis, networking equipment, or high-density computing environments. Below is a breakdown of its electronic components, specifications, and architecture.
---
### 1. Technical Specifications Overview
The "B-R2" suffix often denotes a specific revision (Revision 2) of the 1350W power module series.
| Parameter | Specification |
| :--- | :--- |
| **Form Factor** | CRPS (Common Redundant Power Supply) or proprietary slim-line |
| **Max Output Power** | 1350 Watts |
| **Input Voltage** | 90V – 264V AC (Auto-ranging) |
| **Efficiency Rating** | Typically 80 Plus Platinum or Titanium level |
| **Output Rails** | +12V (Main), +12Vsb (Standby) |
---
### 2. Key Electronic Internal Components
The module is composed of several high-density electronic stages:
#### A. Input & PFC Stage
* **Bridge Rectifiers:** Converts incoming AC to pulsating DC.
* **Active PFC (Power Factor Correction):** Uses high-speed MOSFETs and large inductors to ensure the current waveform is in phase with the voltage, maximizing efficiency and reducing harmonics.
* **Bulk Capacitors:** High-voltage (400V+) Japanese electrolytic capacitors used for energy storage and ripple filtering.
#### B. Conversion Stage (DC-DC)
* **Main Transformer:** A high-frequency ferrite core transformer that provides galvanic isolation and steps down the voltage.
* **Resonant LLC Converter:** A common architecture in high-wattage units like this to achieve "Zero Voltage Switching" (ZVS), which drastically reduces heat loss.
#### C. Secondary & Filtering Stage
* **Synchronous Rectifiers:** Instead of standard diodes, low-resistance MOSFETs are used on the secondary side to convert the transformer output to a steady +12V DC.
* **Polymer Capacitors:** Solid-state capacitors are used on the output rails for high-frequency noise filtering and longevity under high heat.
---
### 3. Logic and Management Features
Industrial modules like the M2CEC-1350B-R2 include "smart" electronic parts for monitoring:
1. **PMBus Interface:** An $I^2C$-based communication protocol that allows the system motherboard to monitor real-time temperature, fan speed, voltage, and current draw.
2. **Protection Circuitry (IC-based):**
* **OCP:** Over-Current Protection.
* **OVP:** Over-Voltage Protection.
* **OTP:** Over-Temperature Protection.
* **SCP:** Short-Circuit Protection.
3. **MCU (Microcontroller):** A small onboard processor manages the digital control loop and the "Hot-Swap" logic, allowing the unit to be replaced while the server is running.
---
### 4. Physical Interface
The electronic connection to the backplane is usually handled by a **Gold Finger PCB connector**.
* **Power Pins:** Thick copper traces for high-current +12V delivery.
* **Signal Pins:** Thinner traces for PS_ON, PS_KILL, and PMBus Data/Clock lines.
- ⤷
What is the pinout configuration for the M2CEC-1350B-R2 gold finger connector?
- ⤷ Does this power supply support 80 Plus Titanium efficiency standards?
- ⤷ Which server chassis models are compatible with the M2CEC-1350B-R2?