Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

  • M2CEC-2100Z-R2

  • AI
    The **M2CEC-2100Z-R2** is a specialized electronic component primarily used in industrial automation, specifically within the realm of motor control and power distribution. It is often identified as a **Motor Control Center (MCC) Bucket** or a specific plug-in unit designed for electrical switchgear. --- ### 1. Key Technical Specifications Below is a breakdown of the core electronic and mechanical parameters typical for this series: | Parameter | Description | | :--- | :--- | | **Component Type** | Motor Control Center (MCC) Plug-in Unit | | **Current Rating** | Typically 100A - 150A (Varies by configuration) | | **Voltage Range** | Up to 600V AC | | **Enclosure Rating** | NEMA Type 1 or Type 12 (Industrial Standard) | | **Protection** | Thermal-magnetic circuit breaker or MCP | | **Control Logic** | Electromechanical Contactor with Overload Relay | --- ### 2. Main Electronic Sub-Components The M2CEC-2100Z-R2 is not a single "chip" but an assembly of several critical electronic parts: #### A. Circuit Breaker / Disconnect This is the primary safety component. It provides short-circuit protection and a manual means of disconnecting power to the motor. It often features an adjustable magnetic trip setting. #### B. Magnetic Contactor This is the heavy-duty relay that physically opens and closes the power circuit to the motor. * **Coil Voltage:** Usually 120V AC (via a control transformer). * **Cycles:** Rated for millions of mechanical operations. #### C. Overload Relay Electronic or bimetallic sensors that monitor the current drawn by the motor. If the motor draws too much current for too long (indicating a jam or failure), this component trips the contactor to prevent the motor from burning out. #### D. Control Power Transformer (CPT) Since industrial power is high voltage (e.g., 480V), a step-down transformer is included to provide safer 120V or 24V power for the control buttons, pilot lights, and contactor coils. --- ### 3. Application and Usage The unit is designed for "Plug-and-Play" integration into a larger control cabinet. 1. **Industrial Pumps:** Managing start/stop sequences and protecting the motor from phase loss. 2. **Conveyor Systems:** Integrating with PLCs (Programmable Logic Controllers) via the control terminal block. 3. **HVAC Fans:** Large scale building climate control. ### 4. Wiring Diagram Overview (Simplified) ```mermaid graph LR Line_In[480V Power] --> Breaker[Circuit Breaker] Breaker --> Contactor[Magnetic Contactor] Contactor --> Overload[Overload Relay] Overload --> Motor[Output to Motor] subgraph Control_Circuit CPT[Transformer] --> Logic[Start/Stop Buttons] Logic --> Coil[Contactor Coil] end ``` ---
    ✨ Follow-up Questions
    • ⤷ What are the specific maintenance requirements for the contactor in this unit?
    • ⤷ Can this unit be retrofitted with a Variable Frequency Drive (VFD)?
    • ⤷ How do I identify the exact trip settings for the overload relay?