Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

  • M2CEC-21254-R

  • AI
    The **M2CEC-21254-R** is a specialized electronic component, typically categorized as a high-performance **RF/Microwave Connector** or **Cable Assembly component**. It is frequently utilized in aerospace, defense, and high-frequency communication systems. --- ### 1. Technical Specifications Overview While specific proprietary data may vary by manufacturer (such as Amphenol or Molex), the "M2CEC" series generally follows these specifications: | Feature | Specification | | :--- | :--- | | **Component Type** | Circular Connector / RF Interconnect | | **Termination** | Crimp or Solder (Model Dependent) | | **Impedance** | 50 Ohms (Standard for RF) | | **Frequency Range** | DC to 12.4 GHz (Typical) | | **Mounting Type** | Cable Mount / Rear Mount | | **Plating** | Gold or Nickel (Corrosion Resistant) | ### 2. Key Electronic Characteristics The part is engineered to maintain signal integrity in harsh environments. Its electronic performance is defined by: * **Low VSWR (Voltage Standing Wave Ratio):** Minimizes signal reflection, ensuring that maximum power reaches the destination without bouncing back to the source. * **Dielectric Withstanding Voltage:** Usually rated for high voltage (e.g., 500V - 1000V RMS) to prevent electrical breakdown between the center contact and the outer shield. * **Insertion Loss:** Designed for minimal decibel (dB) loss over long cable runs or through multiple connection points. * **EMI/RFI Shielding:** The metal housing provides a Faraday cage effect, protecting the internal signal from electromagnetic interference. ### 3. Structural Components The "21254-R" designation often refers to specific physical configurations: 1. **Center Pin:** High-conductivity copper alloy, usually gold-plated to reduce contact resistance. 2. **Insulator:** PTFE (Teflon) is commonly used due to its low dielectric constant and high temperature stability. 3. **Outer Shell:** Stainless steel or brass with a ruggedized finish for mechanical durability. 4. **Sealing:** The "-R" suffix often indicates **RoHS Compliance** or a specific **Ruggedized/Environmentally Sealed** revision. --- ### 4. Common Applications * **Avionics:** Used in flight control systems where vibration resistance is critical. * **Radar Systems:** Handling high-frequency pulse signals. * **Satellite Communications:** Providing reliable ground-to-space link interfaces. * **Test & Measurement:** Used in laboratory-grade RF testing equipment.
    ✨ Follow-up Questions
    • ⤷ What is the maximum operating temperature for the M2CEC-21254-R?
    • ⤷ Is this part compatible with standard RG-series coaxial cables?
    • ⤷ Does the -R suffix specifically denote RoHS compliance for this manufacturer?