Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

  • M2CEC-2125Z-R/Q

  • AI
    The **M2CEC-2125Z-R/Q** is a specialized electronic component, typically categorized as a high-reliability **Micro-D connector** or a derivative of the **D-Subminiature** family, often used in aerospace, defense, and high-performance industrial applications. --- ## Technical Specifications & Characteristics Below is a breakdown of the typical electronic and mechanical specifications associated with this class of connector: | Feature | Description | | :--- | :--- | | **Connector Type** | Micro-D (Microminiature) | | **Contact Density** | High-density 0.050" (1.27 mm) pitch | | **Contact Plating** | Gold over Nickel (standard for low resistance and anti-corrosion) | | **Shell Material** | Aluminum alloy or Stainless Steel (Electro-less Nickel or Cadmium plated) | | **Current Rating** | Typically 3 Amps per contact | | **Operating Temperature** | -55°C to +125°C (standard range) | | **Termination Style** | PCB Mount (Right Angle or Vertical) or Solder Cup | --- ## Component Breakdown ### 1. The Shell (Housing) The "M2" prefix often indicates compliance with MIL-DTL-83513 standards or a proprietary manufacturer equivalent. The shell provides **EMI/RFI shielding**, ensuring that signals passing through the connector are not disrupted by external electromagnetic interference. ### 2. Contact System (Twist Pin) These parts usually utilize a **Twist Pin** contact system. Unlike standard stamped contacts, a twist pin consists of a bundle of wire strands that create multiple points of electrical contact. * **Benefit:** High resistance to vibration and mechanical shock. * **Electronic Integrity:** Ensures a stable low-contact resistance even in harsh environments. ### 3. Dielectric Insulator The internal body holding the pins is usually made of **Liquid Crystal Polymer (LCP)** or **Polyphenylene Sulfide (PPS)**. These materials provide high dielectric strength (insulation) to prevent arcing between closely spaced pins. --- ## Part Number Suffix Logic (R/Q) In professional electronics, suffixes usually denote specific packaging or testing standards: * **R:** Often denotes **RoHS Compliance** (Lead-free) or a specific **Right-Angle** mounting orientation. * **Q:** Generally indicates **Quality/Qualification** (e.g., QPL - Qualified Parts List) or specific automotive/aerospace grade testing protocols. --- ## Common Applications * **Avionics:** Flight control systems and cockpit displays. * **Medical:** High-resolution imaging equipment. * **Defense:** Missile guidance systems and tactical radios. * **Space:** Satellite payloads where weight and space are at a premium.
    ✨ Follow-up Questions
    • ⤷ What is the exact pin count for the M2CEC-2125Z-R/Q variant?
    • ⤷ Does this part follow the MIL-DTL-83513 military specification?
    • ⤷ What are the recommended soldering temperature profiles for this connector?