AI

The **M2CEC-23505-R2** is a specialized high-density electrical connector, commonly associated with the automotive industry, specifically within the Ford Motor Company supply chain. It belongs to the **Molex CMC (Compact Modular Connector)** family, designed for high-performance Powertrain and Body Electronics applications.
---
### 1. General Specifications
This part is a high-density, sealed hybrid connection system. The "Hybrid" designation means it can carry both signal and power currents simultaneously.
| Feature | Description |
| :--- | :--- |
| **Manufacturer Family** | Molex CMC (or equivalent Tier 1 supplier) |
| **Pin Count** | 32-Way (Standard configuration for this series) |
| **Sealing** | IP6K9K (High-pressure wash resistant) |
| **Operating Temp** | -40°C to +125°C |
| **Housing Material** | PBT / Glass-filled Polymer |
---
### 2. Physical Components
The connector is comprised of several distinct electronic and mechanical parts:
1. **Housing (The Body):** A matte-sealed, high-temperature plastic frame that provides the structural support and insulation for the terminals.
2. **TPA (Terminal Position Assurance):** A secondary locking mechanism (usually colored differently, like Red or Blue) that ensures the metallic terminals are fully seated and cannot back out under vibration.
3. **Mat Seal:** A silicone-based perimeter seal that prevents moisture and dust from entering the rear wire entries.
4. **Lever/Slide Mechanism:** Because of the high pin density, these connectors use a mechanical lever to reduce the "mating force" required to plug it into the Engine Control Unit (ECU).
---
### 3. Terminal Interface (The Electrical Path)
The M2CEC series typically utilizes a mix of different terminal sizes to handle varying electrical loads:
* **0.64mm Terminals:** Used for low-current data signals (CAN Bus, Sensor inputs).
* **1.50mm / 2.80mm Terminals:** Used for higher current loads (Power supply, Grounding, Actuator control).
### 4. Common Applications
* **ECU/PCM Interface:** The primary connection point for Engine Control Modules.
* **Transmission Controllers:** Managing electronic shifting and solenoids.
* **Lighting Control Modules:** High-density wiring for LED arrays and adaptive lighting.
---
### 5. Technical Identification (Cross-Reference)
In the automotive world, part numbers often have "Global" equivalents. The **M2CEC-23505-R2** corresponds to specific Molex engineering series:
* **Molex Series 64319:** Often used for the 32-circuit headers.
* **Molex Series 64320:** Often used for the 48-circuit headers.
- ⤷
What are the specific crimp tools required for the 0.64mm terminals in this connector?
- ⤷ How do I identify the pinout diagram for a Ford-specific M2CEC connector?
- ⤷ What is the difference between the R2 and R1 revisions of this part?