M2CEC-2755-R2
AI

The **M2CEC-2755-R2** is a specialized electronic module, typically identified as a **Carrier Board** or an **Interface Adapter** designed for industrial computing and embedded systems. It is most commonly associated with connecting specific hardware modules (like COM Express or proprietary system-on-modules) to standard peripheral interfaces.
Below is a breakdown of its core electronic characteristics and components.
---
### 1. Technical Specifications
The board serves as a bridge between high-density high-speed connectors and standard input/output (I/O) ports.
| Feature | Description |
| :--- | :--- |
| **Form Factor** | Small form factor (SFF) industrial PCB |
| **Input Voltage** | Typically 12V DC (Standard for embedded systems) |
| **Primary Connector** | High-density mezzanine connector (e.g., 200+ pins) |
| **Output Interfaces** | USB, Ethernet (RJ45), Serial (RS-232/422), and Video |
| **Operating Temp** | Industrial grade (-40°C to +85°C) |
### 2. Core Electronic Components
The PCB consists of several critical layers of electronic architecture:
#### A. Power Management Integrated Circuits (PMICs)
Because the module often takes a single voltage input, it uses **Buck Converters (Step-down)** to regulate voltages for different logic levels:
* **5.0V:** For USB peripherals and legacy logic.
* **3.3V:** For standard CMOS logic and signaling.
* **1.8V/1.2V:** Often used for high-speed signal processing or internal FPGA/CPU cores.
#### B. Signal Conditioning & Buffering
To maintain signal integrity over the PCB traces, the board includes:
* **Differential Pair Routing:** Used for high-speed signals like PCIe or Ethernet to reduce EMI.
* **Level Shifters:** To allow communication between components operating at different voltages (e.g., 1.8V to 3.3V).
* **ESD Protection:** Transil (TVS) diodes near the external ports (USB/LAN) to prevent damage from static discharge.
#### C. Communication Controllers
* **Ethernet Magnetics:** Small transformer modules located near the RJ45 port to provide galvanic isolation.
* **UART/USB Bridges:** ICs that convert low-level processor signals into standard RS-232 or USB data streams.
---
### 3. Connection Pinout Overview
The "2755" series often utilizes a specific pinout configuration to support:
1. **PCIe Lanes:** For high-speed data expansion.
2. **Display Outputs:** Often supporting LVDS, HDMI, or DisplayPort depending on the revision.
3. **GPIO:** General Purpose Input/Output pins for controlling sensors or relays.
### 4. Typical Applications
* **Industrial Automation:** Acting as the brain for PLC (Programmable Logic Controller) interfaces.
* **Medical Imaging:** Interfacing specialized sensors with a central processing unit.
* **Edge Computing:** Providing physical ports for a compact System-on-Module (SoM).
---
- ⤷What are the specific pinout differences between the R1 and R2 revisions?
- ⤷ What type of high-density mezzanine connector does this board use?
- ⤷ Is the M2CEC-2755-R2 compatible with standard COM Express Type 6 modules?