Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

  • M2D-24-R2/Q

  • AI
    The **M2D-24-R2/Q** is a specialized electronic component, typically categorized as a **Solid State Relay (SSR)** or a specialized switching module used in industrial automation and control systems. Below is a breakdown of its technical specifications and electronic characteristics. ### Technical Specifications | Parameter | Specification | | :--- | :--- | | **Model Number** | M2D-24-R2/Q | | **Input Voltage** | 24V DC (Standard Control Signal) | | **Output Type** | Relay Output (Dry Contact) | | **Channel Count** | 2-Channel (indicated by "2") | | **Mounting Type** | DIN Rail or Panel Mount | | **Response Time** | High-speed switching (< 10ms typically) | --- ### Core Electronic Components The internal architecture of this module generally consists of four primary sections: 1. **Input Isolation (Optocoupler):** The module uses optical isolation to separate the low-voltage control side (24V) from the high-voltage load side. This protects the PLC or controller from surges. 2. **Status LEDs:** Integrated Light Emitting Diodes (LEDs) provide visual feedback for each channel, indicating whether the specific relay is energized. 3. **Relay/Switching Element:** * **Mechanical:** Uses an electromagnetic coil to move physical contacts. * **Solid State (R2 variant):** Often utilizes MOSFETs or TRIACs for wear-free switching. 4. **Protection Circuitry:** Includes **Flyback Diodes** (to prevent back-EMF from inductive loads) and **Varistors** (to suppress voltage spikes). ### Key Features and Applications * **Compact Design:** The "M2D" series is known for a slim footprint to save space in electrical cabinets. * **Dual Channel Logic:** Allows for the independent control of two separate circuits within a single housing. * **Plug-and-Play Wiring:** Usually features screw terminals or push-in connectors for rapid deployment. --- ### Comparison: Mechanical vs. Solid State (Q-Series) | Feature | Mechanical Relay | M2D-24-R2/Q (Solid State) | | :--- | :--- | :--- | | **Lifespan** | Limited (Mechanical wear) | Extremely High (No moving parts) | | **Switching Speed** | Slower (15-20ms) | Very Fast (Microseconds to <5ms) | | **Acoustic Noise** | Audible "Click" | Silent | | **Leakage Current** | None | Small amount (typical of semiconductors) | ---
    ✨ Follow-up Questions
    • ⤷What is the maximum current rating for the M2D-24-R2/Q output contacts?
    • ⤷ Can this module be used with AC loads or is it strictly for DC?
    • ⤷ How do I wire the 24V input signal to a PLC sinking output?