M2MS-3-R2/CE
AI

The **M2MS-3-R2/CE** is a specialized high-performance signal transducer (specifically a signal conditioner or isolator) typically manufactured by companies like **M-System**. It is designed to convert an analog input signal into a standardized output signal while providing electrical isolation.
---
### 1. Key Technical Specifications
The model code "M2MS-3-R2/CE" breaks down into specific electronic characteristics:
| Component Code | Description | Details |
| :--- | :--- | :--- |
| **M2MS** | Model Series | Potentiometer Transmitter (Mini-M Series) |
| **-3** | Input Type | Potentiometer (Total resistance 100 $\Omega$ to 10 k$\Omega$) |
| **-R** | Output Type | 4 – 20 mA DC (Load resistance 550 $\Omega$ max.) |
| **2** | Power Supply | 24V DC |
| **CE** | Certification | European Conformity (EMC and Low Voltage Directive) |
---
### 2. Core Electronic Functions
#### A. Potentiometer Sensing
The device acts as a bridge between a mechanical sensor (like a float level sensor or a valve positioner) and a control system. It provides a constant voltage to the potentiometer and measures the wiper position.
#### B. Signal Isolation
This unit provides **three-way isolation**:
* **Input to Output**
* **Input to Power**
* **Output to Power**
Isolation prevents ground loops and protects sensitive PLC/DCS equipment from high-voltage surges or electrical noise on the field side.
#### C. Calibration Adjustments
The electronic board typically features two front-accessible potentiometers:
1. **Zero Adjustment:** Sets the 4mA output point (usually ±10% range).
2. **Span Adjustment:** Sets the 20mA output point (usually ±10% range).
---
### 3. Electronic Block Diagram Logic
```mermaid
graph LR
A[Potentiometer Input] --> B[Input Circuit / Filter]
B --> C[Isolation Barrier / Transformer]
C --> D[Current Output Drive 4-20mA]
E[24V DC Power] --> C
```
---
### 4. Installation and Wiring
The device uses a plug-in base (typically an 8-pin or 11-pin socket) for easy maintenance.
| Pin Number | Function |
| :--- | :--- |
| **1 & 2** | Power Supply (24V DC) |
| **3 (+) & 4 (-)** | Output Signal (4-20 mA) |
| **5, 6, 7** | Input (Potentiometer CW, Wiper, CCW) |
---
- ⤷
How do I calibrate the Zero and Span for this specific model?
- ⤷ What is the maximum allowable loop resistance for the 4-20mA output?
- ⤷ Can this module be used with a 110V AC power source?