Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

  • M2PA-12-R2/C

  • AI
    The **M2PA-12-R2/C** is a specific model of an **Industrial Power Relay**, typically manufactured by brands like **IDEC** or similar industrial automation providers. This component is designed for high-reliability switching in control panels. --- ### 1. Key Technical Specifications The part number reveals specific electronic and mechanical characteristics: | Specification | Details | | :--- | :--- | | **Contact Form** | DPDT (2 Form C) - Double Pole Double Throw | | **Coil Voltage** | 12V DC | | **Contact Rating** | Usually 10A at 250V AC / 30V DC | | **Mounting Type** | Plug-in (compatible with standard DIN rail sockets) | | **Terminal Style** | Blade terminals (Plug-in) | | **Feature** | Often includes an LED indicator and Manual Check Button | --- ### 2. Internal Electronic Components The device consists of several critical sub-assemblies that work together to perform the switching action: #### A. The Electromagnetic Coil * **Winding:** Thousands of turns of fine copper wire. * **Function:** When 12V DC is applied, it creates a magnetic field that pulls the armature. * **Polarity:** Being a DC coil, it often includes an internal **Flyback Diode** (in the "R2" variant) to suppress voltage spikes when the coil is de-energized. #### B. The Contact System * **Material:** Usually Silver Tin Oxide (AgSnO2) or Silver Nickel (AgNi) to resist arcing and welding. * **Bifurcation:** These relays use a "wipe" action to keep contacts clean from oxidation. #### C. Indicator Circuit * **LED:** A small surface-mount LED is integrated into the housing to provide visual confirmation that the coil is energized. * **Resistor:** A current-limiting resistor is placed in series with the LED. --- ### 3. Wiring Configuration (DPDT) The "2" in the part number indicates two independent poles. Each pole has three connections: 1. **COM (Common):** The moving part of the switch. 2. **NC (Normally Closed):** Connected to COM when the relay is OFF. 3. **NO (Normally Open):** Connected to COM when the relay is ON. ```mermaid graph LR A[Coil +] --- B(Electromagnet) C[Coil -] --- B B -. Magnetic Force .-> D{Armature} D --- E[Contact Set 1] D --- F[Contact Set 2] ``` --- ### 4. Application Use Cases * **PLC Interfacing:** Using a low-power PLC output to switch a high-power motor or heater. * **Signal Isolation:** Separating sensitive control electronics from noisy high-voltage power circuits. * **Logic Operations:** Creating hardware-based interlocks in safety systems. ---
    ✨ Follow-up Questions
    • ⤷What is the specific pinout diagram for the M2PA-12-R2/C?
    • ⤷ Which DIN rail socket is compatible with this relay model?
    • ⤷ What is the difference between the R2 and the standard M2PA version?