Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

  • M2PA-1G-R2/N

  • AI
    The **M2PA-1G-R2/N** is a specialized electronic component, specifically a high-precision, space-grade or high-reliability **Power Attenuator**. It is designed to reduce the power of an input signal by a fixed amount without significantly distorting its waveform. --- ### 1. Key Technical Specifications Below are the primary electronic characteristics typically associated with this series: | Feature | Specification | Description | | :--- | :--- | :--- | | **Component Type** | Fixed Attenuator | Provides a constant level of signal reduction. | | **Frequency Range** | DC to 1.0 GHz | Optimized for Low Frequency to L-Band applications. | | **Attenuation Value** | 1 dB to 20 dB (Configurable) | The "1G" often denotes the frequency limit or a specific dB step. | | **Impedance** | 50 Ohms | Standard matched impedance for RF systems. | | **Power Rating** | 2 Watts (Average) | Maximum continuous power the device can dissipate. | | **Connector Type** | SMA (Male/Female) | Common sub-miniature version A interface. | --- ### 2. Internal Electronic Construction The device is built using precision thin-film or thick-film resistor networks. Its internal architecture consists of: * **Resistive Network:** Usually arranged in a **Pi ($\pi$)** or **Tee (T)** configuration. This ensures that while the signal power is dissipated as heat, the input and output impedance remains consistent at 50 $\Omega$. * **Substrate:** High-thermal conductivity ceramic (like Alumina or Aluminum Nitride) to handle heat dissipation during power reduction. * **Housing:** Nickel or Gold-plated brass/stainless steel for EMI shielding and environmental protection (indicated by the `/N` suffix, often signifying Nickel plating or a specific environmental grade). --- ### 3. Application Use Cases This part is commonly used in the following electronic systems: 1. **Signal Level Matching:** Adjusting signal levels between different stages of an RF chain to prevent receiver saturation. 2. **Circuit Protection:** Placed before sensitive measurement equipment (like Spectrum Analyzers) to protect them from high-power spikes. 3. **SWR Improvement:** Improving the Voltage Standing Wave Ratio (VSWR) of a load by providing a "buffer" that absorbs reflections. --- ### 4. Part Number Breakdown (Typical) * **M2PA:** Series designation (Microwave Precision Attenuator). * **1G:** Frequency ceiling (1.0 GHz). * **R2:** Revision 2 or specific resistance/tolerance code. * **N:** Connector or Plating variant (e.g., N-type connector or Nickel finish).
    ✨ Follow-up Questions
    • ⤷ What is the difference between a Pi and a Tee network in an attenuator?
    • ⤷ How does temperature affect the attenuation accuracy of the M2PA series?
    • ⤷ Can this component be used in high-vacuum environments like satellites?