Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

  • M2PA-54-R2/N

  • AI
    The **M2PA-54-R2/N** is a specialized radio frequency (RF) component, specifically a **high-power PIN diode reflective limiter**. It is designed to protect sensitive receiver components (like LNAs) from high-power signals or accidental surges in microwave systems. --- ### 1. Key Technical Specifications The device is engineered for rugged performance in the S-band and C-band frequencies. | Parameter | Value | | :--- | :--- | | **Frequency Range** | 2.0 GHz to 6.0 GHz | | **Peak Power Handling** | Up to 100 Watts | | **Insertion Loss** | 0.6 dB (Typical) | | **Recovery Time** | < 1.0 $\mu$s | | **Flat Leakage** | < 18 dBm | | **Package Type** | Hermetic Surface Mount / Drop-in | --- ### 2. Core Electronic Components The internal architecture of the M2PA-54-R2/N consists of several integrated elements: #### A. PIN Diodes The "heart" of the limiter. These diodes act as variable resistors. - At low power levels, they remain high-impedance (transparent to the signal). - At high power levels, the RF energy triggers the diode into a low-impedance state, reflecting the excess power back toward the source. #### B. DC Blocks The unit typically includes integrated capacitors at the input and output ports to prevent DC bias or surges from affecting the RF path, ensuring only the high-frequency signal passes through. #### C. Internal Schottky Diode (Detector) In many "R2" variants, a Schottky diode is used as a threshold detector to provide faster "turn-on" times. This allows the limiter to react to high-speed pulses faster than a standard PIN diode alone. --- ### 3. Functional Operation The device operates in three distinct stages: 1. **Passive State:** When input signals are below the threshold (e.g., < 0 dBm), the device exhibits low insertion loss, allowing the signal to pass with minimal attenuation. 2. **Limiting State:** As power increases, the internal diodes begin to conduct. The output power is "clamped" or "limited" to a safe level (the Flat Leakage level). 3. **Reflective Mode:** Unlike an attenuator that absorbs heat, this is a **reflective** limiter. It reflects the majority of the high-power energy back toward the antenna or source. --- ### 4. Typical Applications * **Radar Systems:** Protecting the receiver during the high-power transmit pulse. * **Electronic Warfare (EW):** Guarding against intentional high-power jamming signals. * **Communication Base Stations:** Preventing damage from nearby high-power transmitters. ---
    ✨ Follow-up Questions
    • ⤷What is the difference between a reflective limiter and an absorptive limiter?
    • ⤷ How does recovery time affect radar system performance?
    • ⤷ Can this component be used for frequencies above 6 GHz?