Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

  • M2PA-54-R2/UL

  • AI
    The **M2PA-54-R2/UL** is a high-performance **solid-state power controller (SSPC)** or electronic circuit breaker module, typically designed for aerospace, defense, and rugged industrial applications. It is engineered to replace traditional thermal circuit breakers with faster, more reliable electronic switching. --- ### 1. Key Technical Specifications The following table highlights the primary electrical characteristics of the M2PA-54-R2/UL: | Feature | Specification | | :--- | :--- | | **Voltage Range** | 28V DC (Typical), range 10V to 40V DC | | **Current Rating** | Adjustable up to 10A - 20A (model specific) | | **Switching Technology** | MOSFET-based Solid State Switching | | **Mounting** | PCB Mount / Plug-in | | **Compliance** | UL Recognized, MIL-STD-704 (Power Quality) | | **Interface** | Status feedback and remote control | --- ### 2. Core Electronic Components The internal architecture of this module consists of several critical electronic stages: #### A. Power MOSFET Matrix Unlike mechanical contacts, this part uses high-power **MOSFETs** (Metal-Oxide-Semiconductor Field-Effect Transistors). * **Function:** Handles the main current flow. * **Benefit:** Zero arcing, low "on" resistance, and high-speed switching (microseconds). #### B. Current Sensing Circuitry Integrated **Hall Effect sensors** or high-precision **shunt resistors** monitor the current in real-time. * **Smart Trip Logic:** It uses an "I²t" curve (True RMS current sensing) to mimic thermal breaker behavior while providing instant trip protection for short circuits. #### C. Microcontroller / Logic Core A dedicated logic controller manages the "Health Monitoring" of the device. * **Built-in Test (BIT):** Periodically checks the integrity of the power path. * **Soft Start:** Limits inrush current to protect downstream sensitive electronics. #### D. Isolation & Protection * **Optoisolators:** Provide galvanic isolation between the low-voltage control signals and the high-power load. * **TVS Diodes:** Transient Voltage Suppression diodes protect the internal components from spikes and lightning strikes. --- ### 3. Advantages Over Mechanical Breakers 1. **Reliability:** No moving parts means a significantly higher MTBF (Mean Time Between Failures). 2. **Speed:** Can disconnect a short circuit in less than 50 microseconds, preventing damage to wires. 3. **Communication:** Provides a digital "Status" signal (High/Low) to a central computer to indicate if the circuit is Open, Closed, or Tripped. --- ### 4. Typical Pinout Interface | Pin Category | Description | | :--- | :--- | | **V-IN** | Main 28V DC Power Input | | **V-OUT** | Protected Power Output to Load | | **CONTROL** | Logic signal to turn the breaker ON or OFF | | **STATUS** | Output signal indicating the health/trip status | | **RTN** | Common Ground/Return |
    ✨ Follow-up Questions
    • ⤷ What is the exact current trip curve for the M2PA series?
    • ⤷ How does the 'Soft Start' feature impact inductive loads?
    • ⤷ What are the thermal derating requirements for PCB mounting?