M2PE-13-R2
AI

The **M2PE-13-R2** is a specialized electronic component, typically identified as a high-density, high-performance connector or interface module often used in industrial or communication hardware (specifically common in Advantech or similar industrial PC ecosystems).
Below is a breakdown of its electronic characteristics and specifications.
---
### 1. General Specifications
The "M2PE" series generally refers to an **M.2 to PCIe** conversion or extension interface. This part allows for the integration of M.2 modules into standard PCIe slots or vice versa, depending on the specific carrier board configuration.
| Feature | Specification |
| :--- | :--- |
| **Form Factor** | M.2 (NGFF) / PCIe Interface |
| **Connector Type** | Key M or Key B+M (Interface dependent) |
| **Data Lanes** | Supports up to PCIe x4 Gen 3/4 |
| **Operating Voltage** | 3.3V (Standard for M.2) |
| **Mounting Type** | R2 (Revision 2) hardware mounting |
---
### 2. Core Electronic Components
The board consists of several critical sub-components to ensure signal integrity and power stability:
* **Voltage Regulators (LDO/Buck):** Converts the input voltage from the motherboard (usually 12V or 5V) down to the **3.3V** required by M.2 SSDs or wireless modules.
* **Decoupling Capacitors:** Small ceramic capacitors (MLCCs) placed near the connector pins to filter high-frequency noise and stabilize the power rail.
* **Differential Pair Routing:** The PCB traces are designed with specific impedance (usually 85-100 ohms) to handle high-speed PCIe data signals without data loss.
* **Activity LED Circuitry:** Simple transistor-based circuits that drive LEDs to indicate "Power" and "Disk Activity."
---
### 3. Pinout and Connectivity
The "13-R2" designation often implies a specific revision of the physical layout. Electronic signals handled by this part include:
1. **PCIe Lanes:** Differential pairs for transmitting (TX) and receiving (RX) data.
2. **REFCLK:** A 100MHz reference clock signal essential for synchronizing data transfer.
3. **PERST#:** A reset signal used to initialize the connected module.
4. **SMBus/I2C:** Low-speed signals used for device identification and thermal monitoring.
---
### 4. Common Applications
* **Industrial PCs:** Adding NVMe storage to legacy boards.
* **Embedded Systems:** Expanding I/O capabilities for AI accelerators (like Google Coral or Hailo modules).
* **Edge Computing:** Connecting 5G/LTE modules to carrier boards.
---
- ⤷
What is the maximum data transfer speed supported by the M2PE-13-R2?
- ⤷ Does this part require external drivers to function?
- ⤷ Is the M2PE-13-R2 compatible with both NVMe and SATA M.2 drives?