M2PHS2H-24-R/Q
AI

The **M2PHS2H-24-R/Q** refers to a high-performance **Step-Servo Motor (Integrated Motor)** manufactured by **MOONS' Industries**. This specific model combines a stepper motor, an encoder, and a drive/controller into a single compact package.
---
## 1. Technical Specifications
The part number breaks down into specific electronic and mechanical capabilities:
| Feature | Specification |
| :--- | :--- |
| **Motor Type** | Integrated Step-Servo (Closed-loop Stepper) |
| **Frame Size** | NEMA 23 (56 mm) |
| **Voltage Input** | 24 - 48 VDC |
| **Current Rating** | High-torque output with efficient current control |
| **Communication** | Pulse & Direction (Standard R/Q variant) |
| **Encoder Resolution** | 4000 counts/rev (increments of 1000 lines) |
| **Protection Class** | IP20 (Standard) |
---
## 2. Key Electronic Components
### A. Integrated Controller/Driver
Unlike traditional stepper motors that require an external drive (like a DM542), this unit has the PCB mounted directly to the rear of the motor.
* **Space Saving:** Reduces wiring complexity and control cabinet footprint.
* **EMI Reduction:** Shorter internal wiring reduces electromagnetic interference.
### B. Closed-Loop System (Step-Servo)
The "PHS" designation indicates a **PowerHobby Step-Servo** system.
* **Encoder Feedback:** The internal electronic encoder monitors the shaft position in real-time.
* **No Stalling:** If the motor encounters an obstacle, the electronics compensate for the lag. If it cannot reach the position, it triggers an error signal rather than simply "skipping" steps like a traditional open-loop motor.
### C. Advanced Control Algorithms
The onboard electronics utilize **Space Vector Current Control** and **filtering**:
* **Anti-Resonance:** Automatically calculates the natural frequency of the system to eliminate mid-range vibrations.
* **Low Noise:** Uses micro-stepping interpolation to ensure smooth motion even at low resolutions.
---
## 3. Connectivity and I/O
The motor typically features two main electronic interfaces:
1. **Power Interface:** Dedicated pins for DC power (usually V+ and Ground).
2. **Signal Interface (I/O):**
* **PUL/DIR:** Pulse and Direction signals for motion control.
* **Enable:** To engage/disengage the motor electronically.
* **Fault Output:** To signal the PLC or Master Controller if an error occurs (over-voltage, over-current, or position error).
---
## 4. Part Number Breakdown (Suffix Meaning)
* **-24:** Optimized for 24V DC systems (though often supports up to 48V).
* **-R:** RS-485 Communication or specific Pulse/Dir configuration (depending on the specific series catalog).
* **-Q:** Often denotes a specific "Basic" or "Advanced" control firmware version for indexing or standalone motion.
- ⤷
What are the wiring diagrams for the Pulse/Direction inputs on this model?
- ⤷ How does the closed-loop performance of this motor compare to a standard NEMA 23 stepper?
- ⤷ What software is required to configure the internal drive settings?