M2PHS2L-A1-R/CE
AI

The **M2PHS2L-A1-R/CE** is a specific part number belonging to the **M2PH series** of industrial push-button switches, typically manufactured by **IDEC** or similar automation component suppliers. This model is characterized by its miniature size, square head, and illuminated functionality.
---
## 1. Technical Specifications
Below are the primary electronic and mechanical specifications for this component:
| Feature | Specification |
| :--- | :--- |
| **Series** | M2PH (Miniature Control Units) |
| **Head Shape** | Square |
| **Operation Type** | Momentary (Non-locking) |
| **Illumination** | LED Integrated |
| **Voltage Rating** | 24V AC/DC (Standard for R/CE suffix) |
| **Contact Configuration** | 2PDT (Double Pole Double Throw) |
| **Termination** | Solder/Tab Terminal |
| **Mounting Hole** | 16mm (Approx.) |
---
## 2. Part Number Breakdown
Understanding the electronic behavior requires looking at the suffix codes:
* **M2P**: Indicates the series (16mm Miniature size).
* **HS**: Represents the **Square** head type.
* **2**: Indicates the contact arrangement (**2PDT / 2C**). This means the switch can control two separate circuits simultaneously.
* **L**: Denotes **Illuminated**. The switch contains an internal light source.
* **A1**: Relates to the specific mounting and physical construction (often "Flush" mount).
* **R**: Specifies the LED color (**Red**).
* **CE**: Indicates compliance with European Safety Standards (**CE Marking**).
---
## 3. Electronic Design & Internal Circuitry
### Contact Block
The **2PDT** (Double Pole Double Throw) configuration consists of two sets of contacts. Each set has:
1. **COM (Common)**: The input terminal.
2. **NC (Normally Closed)**: Conducts electricity when the button is *not* pressed.
3. **NO (Normally Open)**: Conducts electricity only when the button *is* pressed.
### Illumination Circuit
The LED is electrically isolated from the switch contacts. This allows you to:
* Light the button when the circuit is active.
* Keep the button lit constantly as a pilot light.
* Flash the button via an external PLC output.
---
## 4. Typical Applications
These switches are used in control panels where space is limited but high reliability is required:
* **Industrial Automation**: Start/Stop signals for PLC inputs.
* **Medical Equipment**: Compact user interface controls.
* **Test Instruments**: Function selection with visual feedback.
* **Control Consoles**: Status indication (Red usually signifies "Stop" or "Error").
---
- ⤷
What is the maximum current rating (Amps) for the contacts on this switch?
- ⤷ Can the LED in the M2PH series be replaced if it burns out?
- ⤷ How does a 'Momentary' operation differ from a 'Maintained' operation in this series?