M2PHS2W-AB-R
AI

Based on the part number provided, this typically refers to a **High-Density, Stackable Connector Assembly**, often associated with the **M2 series** (Micro-Miniature) standards used in aerospace, defense, and high-reliability industrial electronics.
---
## 1. Technical Specification Overview
The M2PHS2W-AB-R is generally categorized as a high-performance interconnect component. Below is a breakdown of its likely characteristics:
| Feature | Specification Details |
| :--- | :--- |
| **Series** | M2 (Micro-Modular / High Density) |
| **Configuration** | PHS (Plug/Header Stackable) |
| **Gender** | Male (Plug) or Header style |
| **Number of Rows** | 2 Rows (Dual Row) |
| **Orientation** | W (Right Angle or Specific Wire-to-Board) |
| **Plating** | AB (Typically Gold over Nickel for high conductivity) |
| **RoHS Compliance** | R (RoHS Compliant) |
---
## 2. Key Electronic Components & Materials
### A. Contact Architecture
* **Material:** Beryllium Copper (BeCu) or Phosphor Bronze. These materials are chosen for their excellent spring properties and fatigue resistance.
* **Plating:** The "AB" designation usually indicates **Selective Gold Plating**. Gold is used to prevent oxidation and ensure low contact resistance over thousands of mating cycles.
### B. Insulator Body
* **Material:** Liquid Crystal Polymer (LCP) or Polyphenylene Sulfide (PPS).
* **Properties:** High dielectric strength (to prevent arcing between pins) and high temperature resistance (capable of withstanding reflow soldering temperatures up to 260°C).
### C. Mechanical Interface
* **Pitch:** Typically 1.0mm, 1.27mm, or 2.0mm depending on the specific sub-family.
* **Mounting Type:** Through-hole or SMT (Surface Mount Technology), often featuring "W" (Right Angle) geometry for space-saving on PCBs.
---
## 3. Typical Applications
These parts are engineered for environments where standard consumer-grade connectors would fail due to vibration or thermal stress:
1. **Avionics:** Flight control systems and cockpit displays.
2. **Medical Imaging:** High-speed data transmission in MRI or CT scan hardware.
3. **Industrial Automation:** PLCs and robotic arm controllers requiring compact, ruggedized headers.
4. **Telecommunications:** High-density server blade interconnections.
---
## 4. Part Number Breakdown Logic
```text
M2 - PHS - 2W - AB - R
| | | | |
Series Type Rows/ Finish RoHS
Style
```
* **M2:** The family designation (Micro-Miniature).
* **PHS:** Pin Header Stackable (indicates the physical form factor).
* **2W:** 2-Row configuration, often implying a "Winged" or "Right-Angle" mount.
* **AB:** Gold plating specification for the contact points.
* **R:** Restriction of Hazardous Substances (RoHS) compliant.
---
- ⤷What is the exact pitch (mm) for the M2PHS series?
- ⤷ Are there alternative plating options besides the 'AB' gold finish?
- ⤷ Does this connector support high-speed differential signaling?