M2PHSL-164-R/Q
AI

The **M2PHSL-164-R/Q** is a high-density, multi-pin connector typically utilized in automotive, industrial, or medical electronic systems. Based on the part nomenclature, it belongs to a series of ruggedized headers/sockets designed for high-reliability signal transmission.
---
### 1. Component Specification Overview
| Feature | Description |
| :--- | :--- |
| **Part Number** | M2PHSL-164-R/Q |
| **Connector Type** | High-density Pin Header / Socket |
| **Pin Count** | 164 Pins |
| **Pitch** | Typically 0.5mm to 1.27mm (Common for high-density series) |
| **Termination Style** | Surface Mount (SMT) or Through-Hole (THT) |
| **Orientation** | Right-Angle (R) / Horizontal |
---
### 2. Electronic Characteristics
* **Contact Material:** Usually crafted from Copper Alloy with Gold or Tin plating to ensure low contact resistance and prevent oxidation over long-term use.
* **Insulation Resistance:** High-grade thermoplastic (LCP or PBT) used to provide insulation resistance typically exceeding 500MΩ.
* **Current Rating:** Designed for low-power signal processing, generally ranging from 0.5A to 1.5A per pin.
* **Signal Integrity:** The layout is optimized to minimize crosstalk and impedance mismatch, making it suitable for high-speed data buses.
---
### 3. Suffix Breakdown (R/Q)
In electronic component coding, suffixes often denote specific physical or packaging configurations:
* **-R:** Generally indicates **Right-Angle** mounting orientation or **Reel** packaging for automated pick-and-place assembly.
* **-Q:** Often refers to a specific **Quality Grade** (such as AEC-Q100 for automotive) or a specific **Pin Length** variation.
---
### 4. Applications
Due to the high pin count (164 pins), this component is found in:
1. **Automotive ECUs:** Connecting main processing boards to sensor arrays.
2. **Backplane Connectivity:** Routing signals between parallel PCB modules.
3. **Medical Imaging:** High-bandwidth data transfer in diagnostic equipment.
- ⤷
What is the exact pitch measurement for the M2PHSL series?
- ⤷ Are there specific soldering temperature profiles recommended for the 'R' variant?
- ⤷ Is this connector rated for automotive vibration standards like ISO 16750?