M2PRU-A27P-R/CE
AI

The **M2PRU-A27P-R/CE** is a specialized electronic component, specifically a **Solid State Interface Relay** (often part of a broader monitoring or signal conditioning series) manufactured by companies like **Carlo Gavazzi** or similar industrial automation providers.
Below is a detailed breakdown of its electronic characteristics and functional parts.
---
### 1. General Specifications
This device is designed for industrial DIN-rail mounting and is used for interfacing control signals with power loads or monitoring specific electrical parameters.
| Feature | Description |
| :--- | :--- |
| **Type** | Phase Monitoring Relay / Interface Module |
| **Mounting** | DIN-rail (Standard 35mm) |
| **Housing** | IP20 protected plastic enclosure |
| **Terminal Type** | Screw terminals for secure wiring |
| **Standard** | CE marked (Complies with European safety/EMC standards) |
---
### 2. Electronic Component Breakdown
The internal circuitry of this module typically consists of several functional blocks:
#### A. Input Conditioning Circuit
* **Voltage Divider/Transformer:** Scales down the high-voltage AC input to a level safe for the internal logic.
* **Rectifier & Filter:** Converts the AC input signal into a stable DC voltage to power the internal comparators and logic gates.
#### B. Monitoring & Logic Core
* **Precision Comparators:** These electronic parts compare the incoming line voltage against pre-set thresholds (Over-voltage, Under-voltage, or Phase loss).
* **Timing Circuits (RC Networks):** Used to create "Trip Delays." These prevent the relay from switching due to momentary voltage spikes or "noise."
* **Potentiometers:** External dials on the faceplate allow users to manually adjust the resistance in the timing or threshold circuits, changing the trip points.
#### C. Output Stage
* **Electromechanical Relay or Optoisolator:** This provides galvanic isolation between the sensing circuit and the external control circuit.
* **Contacts:** Usually SPDT (Single Pole Double Throw) rated for 5A to 8A at 250VAC.
---
### 3. Pinout and Connection Logic
The device generally follows a standardized numbering system for industrial relays:
| Terminal No. | Function | Description |
| :--- | :--- | :--- |
| **L1, L2, L3** | Line Inputs | Connection for the phases being monitored. |
| **11 (or 15)** | Common | The shared terminal for the output switch. |
| **12 (or 16)** | NC Contact | Normally Closed; opens when a fault is detected. |
| **14 (or 18)** | NO Contact | Normally Open; closes when the system is healthy. |
---
### 4. Key Electronic Protections
* **Varistors (MOVs):** Internal Metal Oxide Varistors protect the electronics from high-voltage transients (surges).
* **Hysteresis Logic:** Electronic feedback that prevents "chattering" (rapid switching) when the measured voltage is hovering exactly at the threshold.
---
- ⤷
What is the specific input voltage range for the M2PRU-A27P-R/CE?
- ⤷ Does this model support phase sequence detection in addition to under-voltage?
- ⤷ What are the typical applications for this interface relay in an industrial control panel?