Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

  • M2PRU-A27P-R2/CE

  • AI
    The **M2PRU-A27P-R2/CE** is a specialized industrial-grade **M.2 (SATA) Power Loss Protection (PLP) module**, typically utilized in embedded computing, industrial automation, and server environments. This device is designed to act as an intermediary or a dedicated backup unit to ensure data integrity during sudden power failures. --- ### 1. Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Form Factor** | M.2 2280 (80mm length) | | **Interface** | SATA III (6.0 Gbps) / Power Rail management | | **Primary Function** | Power Loss Protection (PLP) / UPS for SSDs | | **Energy Storage** | High-reliability Tantalum Capacitors | | **Operating Temperature** | Standard (0°C to 70°C) or Industrial (-40°C to 85°C) | | **Input Voltage** | 3.3V / 5V DC | --- ### 2. Main Electronic Components The module's architecture is focused on energy storage and power management rather than data storage itself. #### A. Energy Storage (Tantalum Capacitors) Unlike standard consumer SSDs, this module features a bank of high-capacitance **Polymer Tantalum Capacitors**. - **Purpose:** They store enough electrical charge to keep the connected drive powered for several milliseconds after a power cut. - **Benefit:** This provides the "hold-up time" necessary for the SSD controller to flush the DRAM cache to the NAND flash memory, preventing data corruption. #### B. Power Management Integrated Circuit (PMIC) The board contains a sophisticated PMIC that handles: - **Voltage Regulation:** Ensuring a stable 3.3V output to the drive. - **Inrush Current Limiting:** Preventing a massive surge of current when the capacitors begin charging. - **Discharge Control:** Managing the flow of energy from the capacitors to the drive during a failure event. #### C. Detection Circuitry The module includes a **Power Fail Detection (PFD)** circuit. This component monitors the input voltage levels constantly. If the voltage drops below a specific threshold (e.g., 2.9V), it instantly triggers the switch-over to capacitor power. --- ### 3. Usage Context & Implementation This part is typically used in conjunction with **Innodisk** or similar industrial storage solutions. It is designed for "Mission Critical" applications where: 1. **Unstable Power:** The electrical grid is unreliable. 2. **Data Integrity:** "Mapping Tables" and "In-flight Data" must be protected to prevent the SSD from becoming "bricked" (unusable) after a hard shutdown. 3. **Space Constraints:** A full-sized UPS is not feasible, so the protection must reside on the M.2 bus. --- ### 4. Hardware Pinout Considerations While it uses the M.2 physical slot, its pin assignment is optimized for power delivery. It often uses the **SATA standard pinout** but focuses heavily on the 3.3V pins to provide the backup rail.
    ✨ Follow-up Questions
    • ⤷ What is the typical hold-up time provided by this module for a standard SSD?
    • ⤷ Can this module be used with NVMe drives or is it strictly for SATA?
    • ⤷ How does the MTBF of tantalum capacitors compare to electrolytic capacitors in this device?