Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

  • M2PRU-H7M-R

  • AI
    Based on its technical specifications, the **M2PRU-H7M-R** is a high-performance industrial controller module typically used in motion control and CNC applications. It is part of the M2 series, often integrated with real-time Ethernet protocols. --- ## 1. Core Processor & Architecture The "H7" in the model name usually signifies the use of the **STM32H7 series** microcontroller from STMicroelectronics. | Feature | Description | | :--- | :--- | | **Microcontroller** | STM32H7 (ARM® Cortex®-M7 core) | | **Clock Speed** | Up to 400MHz - 480MHz | | **Architecture** | 32-bit RISC | | **FPU** | Double-precision Floating Point Unit for complex motion math | ## 2. Key Electronic Subsystems The board is designed for high-speed signal processing and robust industrial communication. ### A. Communication Interfaces * **Real-time Ethernet:** Likely supports protocols like EtherCAT or Powerlink for synchronized multi-axis control. * **RS-485/CAN:** Traditional industrial buses for peripheral device communication. * **USB:** Typically used for firmware updates or local configuration. ### B. Memory Components * **Flash Memory:** Internal Flash (approx. 2MB) for firmware and external QSPI Flash for UI assets or logs. * **RAM:** High-speed SRAM (approx. 1MB) to handle real-time buffers without latency. ### C. I/O and Signal Conditioning * **Opto-Isolators:** Protects the internal H7 logic from high-voltage spikes on the factory floor. * **Differential Line Drivers:** Used for high-speed encoder feedback to ensure noise immunity over long cables. * **PWM Generators:** High-resolution timers within the H7 chip used to control servo drives or spindle speeds. --- ## 3. Power Management The module includes a sophisticated Power Management Integrated Circuit (PMIC) or a series of LDOs/Buck converters to step down industrial voltages (typically 24V DC) to logic levels. ```yaml Power_Specs: Input_Voltage: 24V DC (Standard) Logic_Levels: 3.3V (CPU), 5V (I/O) Protection: Over-current, Reverse Polarity, Surge Protection ``` ## 4. Typical Applications * **CNC Controllers:** Processing G-code and interpolating multi-axis movement. * **Robotic Arms:** Calculating inverse kinematics in real-time. * **Data Aggregators:** Acting as a gateway between field sensors and a central PLC.
    ✨ Follow-up Questions
    • ⤷ What are the specific EtherCAT cycle times supported by this module?
    • ⤷ Can you provide the pinout diagram for the H7M-R communication ports?
    • ⤷ How does the STM32H7 handle thermal management in this specific form factor?