Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

  • M2PV-C1SF-R2/CE

  • AI
    The **M2PV-C1SF-R2/CE** is a specific model identifier for an M.2 NVMe SSD enclosure, typically manufactured by **ORICO**. This device is designed to convert an internal M.2 NVMe solid-state drive into a portable high-speed external storage device. Below is a breakdown of its electronic components and technical specifications. --- ### 1. Technical Specifications | Feature | Specification | | :--- | :--- | | **Interface (External)** | USB 3.2 Gen 2 Type-C | | **Transfer Speed** | Up to 10Gbps | | **Internal Slot** | M.2 M-Key / B&M Key | | **Supported Protocol** | NVMe (PCIe) | | **Material** | Aluminum Alloy + ABS Plastic | | **Active Cooling** | Built-in Cooling Fan | --- ### 2. Key Electronic Components The "R2" and "CE" designations often refer to specific hardware revisions and certification standards. The internal circuitry consists of several critical stages: #### A. The Bridge Controller (The "Brain") The heart of this device is a **Bridge Chip** (commonly the **Realtek RTL9210** or **JMicron JMS583**). - **Function:** It acts as a translator between the NVMe (PCIe) protocol used by the SSD and the USB protocol used by your computer. - **UASP Support:** It supports USB Attached SCSI Protocol to ensure maximum data throughput. #### B. Active Cooling System (C1SF Series Specialty) Unlike standard fanless enclosures, the "SF" in this model usually indicates a **Small Fan**. - **The Fan:** A miniature DC brushless fan connected to the PCB. - **Thermal Management:** It pulls heat away from the SSD controller and flash NAND, preventing "thermal throttling" during long file transfers. #### C. Power Management Circuitry - **Buck Converters:** These step down the 5V power from the USB port to the 3.3V required by the M.2 SSD. - **Protection Circuits:** Includes over-current and short-circuit protection to prevent damage to the inserted SSD. #### D. Connectivity & Signal Integrity - **USB-C Connector:** Soldered directly to the PCB, designed for high-frequency data signals. - **EMI Shielding:** The aluminum housing acts as a Faraday cage to reduce electromagnetic interference. --- ### 3. Usage & Compatibility * **SSD Lengths:** Supports 2230, 2242, 2260, and 2280 form factors. * **OS Support:** Plug-and-play for Windows, macOS, and Linux. * **LED Indicator:** A small LED on the PCB indicates power status and data activity (blinking during read/write). ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum storage capacity supported by the M2PV-C1SF-R2/CE?
    • ⤷ Does this model support SATA-based M.2 SSDs or only NVMe?
    • ⤷ How does the built-in fan impact the power draw from a laptop?