Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

  • M2PV-C1Z-R2

  • AI
    The **M2PV-C1Z-R2** is a high-performance external SSD enclosure produced by **ORICO**. It is specifically designed to convert M.2 NVMe or SATA SSDs into portable high-speed external storage devices. Below is a breakdown of its electronic components and technical specifications. --- ### 1. Core Technical Specifications | Feature | Specification | | :--- | :--- | | **Main Controller** | Realtek RTL9210B | | **Input Interface** | USB 3.1 Gen2 Type-C | | **Output Interface** | M.2 M-Key / B+M Key | | **Transfer Speed** | Up to 10Gbps (NVMe) / 6Gbps (SATA) | | **Supported Protocols** | NVMe (PCIe) & NGFF (SATA) | | **Maximum Capacity** | 2TB | --- ### 2. Key Electronic Components #### A. The Main Bridge Chip: Realtek RTL9210B The heart of the M2PV-C1Z-R2 is the **Realtek RTL9210B**. This is a high-end bridge chip that acts as a translator between the SSD's data language and the USB protocol. * **Dual Protocol Support:** Unlike older enclosures that only support NVMe, this chip allows the device to recognize both PCIe-based (NVMe) and SATA-based (NGFF) drives. * **UASP & TRIM Support:** It supports USB Attached SCSI Protocol (UASP) for faster data transfers and TRIM commands to maintain SSD health and longevity. #### B. Power Management Integrated Circuit (PMIC) To ensure stability during high-speed data transfers, the PCB (Printed Circuit Board) contains voltage regulators that step down the 5V provided by the USB port to the **3.3V** required by most M.2 SSDs. #### C. Thermal Management System M.2 NVMe drives generate significant heat. The "C1Z" model features: * **Aluminum Alloy Shell:** Acts as a massive heat sink. * **Internal Fin Design:** Increases the surface area for heat dissipation. * **Thermal Pad:** A conductive silicone pad that bridges the gap between the SSD and the metal casing. --- ### 3. Physical Layout and Connectivity * **LED Indicator:** A small blue LED on the PCB indicates the device status (Solid: Power on; Flashing: Data transmission). * **PCB Design:** The circuit board is designed with "interference shielding" to prevent electromagnetic interference from affecting transfer speeds. * **Auto-Sleep Function:** The firmware on the chip is programmed to enter a sleep state after 10 minutes of inactivity to save power and reduce electronic wear. --- ### 4. Compatibility Matrix | SSD Type | Key Type | Support Status | | :--- | :--- | :--- | | **NVMe PCIe** | M-Key / B+M Key | **Supported** (10Gbps) | | **SATA NGFF** | B+M Key | **Supported** (6Gbps) | | **SATA NGFF** | B-Key | **Supported** | | **mSATA** | N/A | Not Supported | ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between the RTL9210 and RTL9210B chips?
    • ⤷ Does this enclosure support 4TB SSDs despite the 2TB rating?
    • ⤷ How do I install the thermal pad for optimal cooling?