M2PV-C2S4-R2/UL
AI

The **M2PV-C2S4-R2/UL** is a specific technical configuration for a motor protection circuit breaker or a specialized electronic module (typically associated with industrial control brands like Fuji Electric or IDEC).
Based on the nomenclature, this device is designed for **low-voltage motor control and circuit protection**.
---
### 1. Key Technical Specifications
The following table outlines the likely electronic and mechanical characteristics of this part:
| Feature | Specification Details |
| :--- | :--- |
| **Component Type** | Manual Motor Starter / Circuit Protector |
| **Rated Voltage** | 240V - 480V AC (Standard Industrial Range) |
| **Certification** | UL Listed (Underwriters Laboratories) |
| **Poles** | 2-Pole or 3-Pole configurations (depending on series) |
| **Mounting** | DIN Rail or Screw Mounting |
| **Reset Type** | Manual / Rotary Switch (indicated by "R2") |
---
### 2. Breakdown of the Model Code
Industrial parts follow a specific logic in their naming conventions:
* **M2PV**: The series identifier. This usually refers to the physical frame size and the base technology (Electronic Overload or Magnetic Trip).
* **C2**: Refers to the **Current Capacity**. This indicates the maximum continuous current the device can handle without tripping.
* **S4**: Often denotes the **Short Circuit Rating** or the auxiliary contact configuration (e.g., 1NO + 1NC built-in).
* **R2**: Indicates a **Revision 2** hardware update or a specific **Rotary Handle** operation style.
* **UL**: Denotes compliance with **UL 508** standards for industrial control equipment, ensuring it is safe for the North American market.
---
### 3. Electronic Protection Functions
This part integrates several electronic and thermal mechanisms to protect machinery:
1. **Thermal Overload Protection**: Uses a bimetallic strip or electronic sensor to detect prolonged overcurrent that could overheat a motor.
2. **Instantaneous Magnetic Trip**: Protects against short circuits by cutting the circuit instantly when a high-intensity current spike is detected.
3. **Phase Loss Protection**: Detects if one phase of a three-phase system fails, preventing motor "single-phasing" which causes burnout.
4. **Adjustable Current Dial**: Most units in this series feature a small potentiometer on the front to fine-tune the trip current to the specific motor's Nameplate FLA (Full Load Amps).
---
### 4. Typical Applications
* **Industrial Automation**: Protecting water pumps, conveyor belts, and fans.
* **HVAC Systems**: Protecting compressor motors.
* **Control Panels**: Acting as a localized disconnect and protection point for branch circuits.
- ⤷
What is the exact amperage range for the C2 current rating in this series?
- ⤷ How does the UL 508 rating differ from the IEC standard for this device?
- ⤷ Are there specific auxiliary contacts compatible with the R2 revision?