M2PV-C3B-R/N
AI

The **ORICO M2PV-C3B** is a high-performance M.2 NVMe SSD enclosure designed to convert internal SSDs into external portable storage devices. Below is a detailed breakdown of its electronic components and technical architecture.
---
## 1. Core Hardware Specifications
The M2PV-C3B uses a bridge controller to translate between NVMe protocols and USB protocols.
| Feature | Specification |
| :--- | :--- |
| **Main Controller** | Realtek RTL9210 |
| **Interface Protocol** | M.2 NVMe (PCIe Gen3 x2) |
| **Output Interface** | USB 3.1 Gen2 Type-C |
| **Transmission Rate** | 10Gbps (Theoretical) |
| **Supported Capacities** | Up to 2TB |
| **Form Factors** | 2230, 2242, 2260, 2280 |
---
## 2. Key Electronic Components
### A. The Bridge Chip (Realtek RTL9210)
This is the "brain" of the device. The **RTL9210** is a high-performance bridge that converts the **PCIe 3.0 x2** interface of the NVMe drive to a **USB 3.1 Gen 2** interface.
* **Power Management:** It features low power consumption and integrated switching regulators.
* **Protocol Support:** It handles UASP (USB Attached SCSI Protocol) and TRIM commands, which are essential for maintaining SSD speed and longevity.
### B. PCB Architecture
The Printed Circuit Board (PCB) includes several critical sub-systems:
* **Voltage Regulation:** Converts the 5V supplied by the USB port down to 3.3V (standard for M.2 SSDs) using buck converters (LDO/DC-DC).
* **Data Protection:** Features ESD (Electrostatic Discharge) protection components to prevent damage when plugging/unplugging.
* **LED Indicator:** A small surface-mount LED that indicates power status (solid) and data transfer activity (flashing).
### C. Thermal Management Electronics
High-speed NVMe drives generate significant heat. The enclosure uses:
* **Copper Traces:** Thick copper layers on the PCB to help dissipate heat from the controller.
* **Thermal Pads:** Conductive pads that bridge the gap between the electronic components (SSD/Controller) and the aluminum alloy shell.
---
## 3. Connectivity & Power
### Interface Pinout (M-Key)
The internal slot is an **M-Key** connector, which provides the necessary lanes for PCIe data transmission. It does *not* support B-Key (SATA-based) M.2 drives.
### Power Delivery
* **Bus Powered:** It draws power directly from the host USB port.
* **Sleep Mode:** The firmware on the RTL9210 includes an auto-sleep function (usually after 10 minutes of inactivity) to reduce electronic wear and heat.
---
- ⤷
What is the difference between the RTL9210 and the RTL9210B controller used in similar enclosures?
- ⤷ Can this enclosure be used with a Thunderbolt 3 port?
- ⤷ Does the M2PV-C3B support M.2 SATA SSDs?