Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

  • M2REB-R2A-M2

  • AI
    The **M2REB-R2A-M2** is a specific part number typically associated with high-density interconnect components, specifically in the realm of **Ribbon Cable Connectors** or **IDC (Insulation-Displacement Contact) Socket Connectors**. These parts are foundational in electronics for connecting internal PCBs to peripherals or other boards. --- ### Technical Specifications Overview Based on standard nomenclature for this series, here is the breakdown of its electronic and mechanical characteristics: | Feature | Description | | :--- | :--- | | **Component Type** | IDC Ribbon Cable Connector (Socket/Header) | | **Pitch** | Typically 2.54mm (0.1 inch) or 2.0mm (Series dependent) | | **Contact Plating** | Gold Flash or Selective Gold over Nickel | | **Termination Style** | IDC (Insulation Displacement) for Flat Ribbon Cable | | **Number of Rows** | Dual Row (2) | | **Mounting Type** | Cable Mount / Wire-to-Board | --- ### Key Electronic Components & Materials 1. **Contacts (The Conductive Path):** * **Material:** Usually Phosphor Bronze or Brass. * **Function:** Designed to "pierce" the insulation of a ribbon cable to make a gas-tight connection with the internal copper strands without stripping the wire. 2. **Insulator Body:** * **Material:** PBT (Polybutylene Terephthalate) or similar thermoplastic (UL94V-0 rated). * **Function:** Provides high dielectric strength to prevent shorting between pins and ensures structural rigidity. 3. **Strain Relief:** * The "REB" suffix often indicates the inclusion of a strain relief clip. This is a plastic piece that folds over the cable to prevent mechanical stress from pulling the wires out of the IDC contacts. --- ### Pinout and Connection Logic The "R2A" and "M2" segments of the part number often refer to specific configurations: * **Polarization:** Most modern iterations include a "central bump" (polarization key) to ensure the connector cannot be plugged in backward. * **Circuit Count:** While the specific pin count varies by the full manifest, these are generally used for 10 to 64-pin configurations. ### Common Applications * **Internal Data Transfer:** Connecting a motherboard to a front-panel UI. * **Industrial Control:** Connecting PLC modules to I/O boards. * **Legacy Computing:** Disk drive interfaces (though less common in modern consumer PCs). --- ### Maintenance and Usage Note When crimping the **M2REB-R2A-M2**, it is critical to use a controlled-cycle crimp tool or a bench press. Manual pliers often result in uneven pressure, leading to "open" circuits or high-resistance connections on the outer pins.
    ✨ Follow-up Questions
    • ⤷ What is the exact pin count for the M2 variant of this connector?
    • ⤷ Which gauge (AWG) ribbon cable is compatible with this IDC socket?
    • ⤷ Are there right-angle header alternatives that mate with this specific socket?