Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

  • M2REB-R2A-M2/C

  • AI
    The **M2REB-R2A-M2/C** is a specialized electronic module, typically associated with **Delta Electronics** or specific industrial automation sensors/controllers (often related to power supplies or signal converters). Based on the technical nomenclature of this series, here is the breakdown of its electronic components and characteristics: --- ### 1. General Specifications This part is generally categorized as a **Module Interface** or **Connector Board**, often used in PLC (Programmable Logic Controller) or Servo systems to bridge internal signals to external wiring. | Feature | Specification | | :--- | :--- | | **Type** | Interface Module / Terminal Block | | **Mounting Type** | DIN Rail Mount | | **Connection Type** | M2 Ribbon Cable to Terminal Blocks | | **Voltage Rating** | Typically 24V DC (Logic Level) | | **Current Rating** | 1A - 2A per channel (Typical) | --- ### 2. Key Electronic Components Within the module, the following electronic parts facilitate its function: #### A. Connectors (The Interface) * **M2/C Header:** A multi-pin male header designed to accept a flat ribbon cable. This is the high-density input side. * **Screw Terminals:** Robust blocks that allow for discrete wiring (AWG 14-22) to sensors, actuators, or power sources. #### B. Passive Components * **Resistors:** Used for current limiting or pull-up/pull-down logic to ensure stable signal states. * **Capacitors:** Small ceramic capacitors are often included for **decoupling**, filtering out high-frequency noise from the power lines. #### C. Protection Circuitry * **Flyback Diodes:** Often integrated into the PCB to protect against inductive spikes when switching relays or motors. * **LED Indicators:** SMT (Surface Mount) LEDs are usually present to provide visual diagnostics for power status and I/O activity. --- ### 3. Pinout & Connectivity Logic The "R2A" designation often refers to the internal routing logic. In these modules: 1. **Input Side:** Receives 20-40 pins via ribbon cable. 2. **Output Side:** Distributes these signals into grouped screw terminals. 3. **Common Rail:** Most units feature a shared "Common" (COM) terminal to simplify wiring for NPN or PNP configurations. --- ### 4. Technical Application These modules are critical in industrial environments for: * **Signal Conditioning:** Converting high-density cable signals into manageable field wiring. * **Space Management:** Reducing the footprint inside a control cabinet by centralizing connections. * **Maintenance:** Allowing for quick replacement of cables without rewiring individual terminal points. ---
    ✨ Follow-up Questions
    • ⤷ What is the exact pin count for the M2/C connector on this module?
    • ⤷ Is the M2REB-R2A-M2/C compatible with NPN or PNP logic?
    • ⤷ Does this specific model include integrated fuse protection for the outputs?