M2REB-RB2-R
AI

The **M2REB-RB2-R** is a specific electronic component, typically classified as a **micro-switch** or **tactile push-button switch**, often used in industrial or automotive applications. Below is a detailed breakdown of its electronic specifications and features.
---
### 1. General Specifications
| Feature | Details |
| :--- | :--- |
| **Component Type** | Push Button / Micro Switch |
| **Mounting Type** | Through-Hole or Surface Mount (model dependent) |
| **Actuator Style** | Round/Plunger |
| **Contact Form** | SPST (Single Pole Single Throw) |
| **Switching Function** | Momentary (Off-On) |
### 2. Electrical Characteristics
These parts are designed for low-current signal switching rather than high-power loads.
* **Contact Rating:** Typically rated at **50mA to 100mA** at **12V - 24V DC**.
* **Contact Resistance:** Usually less than **100mΩ** (initial).
* **Insulation Resistance:** Minimum **100MΩ** at 500V DC.
* **Dielectric Strength:** Capable of withstanding **250V AC** for 1 minute.
### 3. Mechanical & Environmental Properties
The "R" suffixes in the part number often denote specific mechanical variations or packaging (like Tape & Reel).
* **Operating Force:** Generally ranges between **1.6N to 2.5N** (Newtons) depending on the internal spring tension.
* **Life Cycle:** Rated for approximately **100,000 to 1,000,000 cycles** depending on the specific sub-series.
* **Operating Temperature:** Typically rated from **-25°C to +70°C**.
### 4. Typical Applications
The M2REB series is commonly found in:
1. **Consumer Electronics:** Reset buttons or mode selection.
2. **Automotive:** Dashboard controls or key fobs.
3. **Industrial:** Limit switches or PCB-mounted user interfaces.
---
### Summary of Part Number Suffixes
* **RB2:** Often refers to the height of the actuator (plunger) or the specific color/material of the button.
* **-R:** Usually indicates **RoHS Compliance** or that the part is supplied in **Reel** packaging for automated pick-and-place assembly.
---
- ⤷What is the exact pin configuration for this switch?
- ⤷ Can this switch be used for high-voltage AC applications?
- ⤷ What are the physical dimensions (height/width) of the RB2 variant?